Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1170 Datasheet (PDF) - Analog Devices

ADM1170 Datasheet PDF - Analog Devices
Part # ADM1170
Download  ADM1170 Download
File Size   266.77 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.6 V to 16.5 V Hot Swap Controller with Soft Start

ADM1170 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1170 Datasheet PDF - Analog Devices

Part # ADM1170
Download  ADM1170 Click to download

File Size   266.77 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.6 V to 16.5 V Hot Swap Controller with Soft Start

ADM1170 Datasheet (HTML) - Analog Devices


ADM1170 Product details

GENERAL DESCRIPTION
The ADM1170 is a hot swap controller that safely enables a printed circuit board to be removed and inserted to a live backplane. This is achieved using an external N-channel power MOSFET with a current control loop that monitors the load current through a sense resistor. An internal charge pump is used to enhance the gate of the N-channel FET. When an overcurrent condition is detected, the gate voltage of the FET is reduced to limit the current flowing through the sense resistor.

FEATURES
   Controls supply rails from 1.6 V to 16.5 V
   Supply voltage range from 2.7 V to 16.5 V
   Allows protected board removal and insertion to a live
      backplane
   External sense resistor provides adjustable analog current
      limit with circuit breaker
   Soft start controls inrush current profile
   Peak fault current limited with fast response
   Charge pumped gate drive for external N-FET switch
   Automatic retry or latch-off during current fault
   Undervoltage lockout
   8-lead, TSOT package

APPLICATIONS
   Hot swap board insertion: line cards, raid systems
   Industrial high-side switches/circuit breakers
   Electronic circuit breakers




Similar Part No. - ADM1170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1170 AD-ADM1170_15 Datasheet
248Kb / 16P
1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. A
More results


Similar Description - ADM1170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
-48 V Hot Swap Controller
REV.0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
ADM1172 AD-ADM1172 Datasheet
228Kb / 16P
2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
7/06-Revision 0
ADM1171 AD-ADM1171 Datasheet
255Kb / 16P
2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
7/06-Revision 0
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
SIMPLE -48-V HOT SWAP CONTROLLER
logo
Analog Devices
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
48 V Hot Swap Controller
REV. 0
ADM1170 AD-ADM1170_15 Datasheet
248Kb / 16P
1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. A
ADM1171 AD-ADM1171_15 Datasheet
243Kb / 16P
2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. A
ADM1172 AD-ADM1172_15 Datasheet
264Kb / 16P
2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
REV. A
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com