Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR38637 Datasheet (PDF) - Sharp Corporation

LR38637 Datasheet PDF - Sharp Corporation
Part # LR38637
Download  LR38637 Download
File Size   105.14 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Digital Signal Processor For VGA/CIF CMOS Image Sensors

LR38637 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR38637 Datasheet PDF - Sharp Corporation

Part # LR38637
Download  LR38637 Click to download

File Size   105.14 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Digital Signal Processor For VGA/CIF CMOS Image Sensors

LR38637 Datasheet (HTML) - Sharp Corporation


LR38637 Product details

DESCRIPTION

The LR38637 is a CMOS digital signal processor for color digital video camera systems of 110 k pixel (CIF)/350 k-pixel (VGA) CMOS image sensors with primary color mosaic filters.



FEATURES

• Supported CMOS image sensors

   – Image size : 110 k pixels (CIF)/350 k pixels (VGA)

   – R, G and B primary color mosaic filters : Bayer matrix, 10 bits per color

• Built-in synchronous signal generation circuit for CMOS image sensors

• Built-in parallel digital output function

   – 16-bit outputs : YUV, RGB format

   – 8-bit outputs : UYVY format

• Output image sizes for VGA CMOS image sensors : VGA, QVGA, QQVGA, CIF, QCIF, QQCIF

• Output image sizes for CIF CMOS image sensors : QVGA, QQVGA, CIF, QCIF, QQCIF

• Used for video cameras by combining with CMOS image sensor

• Parameters required for image signal processing can be changed

• Built-in auto exposure control

• Built-in auto carrier balance control

• Built-in auto white balance control

• Built-in drive circuit for 2k-bit EEPROM

• Built-in auto white detect correction

• Built-in shading correction control

• Power supplies

   – +2.5 V±10% for internal digital circuits

   – +2.7 to +3.6 V for digital circuits

• Package :

  100-pin LQFP (P-LQFP100-1414) 0.5 mm pin-pitch



 




Similar Part No. - LR38637

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38630 SHARP-LR38630 Datasheet
78Kb / 20P
Digital Signal Processor for CIF CMOS Image Cameras
More results


Similar Description - LR38637

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN195902 PANASONIC-MN195902 Datasheet
49Kb / 7P
Digital Signal Processor for Image CODEC
logo
Sanyo Semicon Device
LC89902V SANYO-LC89902V Datasheet
57Kb / 5P
CMOS Driver for VGA-Format Image Sensors
logo
Sharp Corporation
LR38630 SHARP-LR38630 Datasheet
78Kb / 20P
Digital Signal Processor for CIF CMOS Image Cameras
logo
Hynix Semiconductor
H1A424M167 HYNIX-H1A424M167 Datasheet
374Kb / 47P
Image Signal Processor for Hyundai CMOS Image Sensor
logo
Pixart Imaging Inc.
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCW-22S PIXART-PAS302BCW-22S Datasheet
241Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6311LT PIXART-PAS6311LT Datasheet
506Kb / 18P
CMOS VGA DIGITAL IMAGE SESNSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
CMOS VGA DIGITAL IMAGE SENSOR
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com