Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR38630 Datasheet (PDF) - Sharp Corporation

LR38630 Datasheet PDF - Sharp Corporation
Part # LR38630
Download  LR38630 Download
File Size   78.76 Kbytes
Page   20 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Digital Signal Processor for CIF CMOS Image Cameras

LR38630 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR38630 Datasheet PDF - Sharp Corporation

Part # LR38630
Download  LR38630 Click to download

File Size   78.76 Kbytes
Page   20 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Digital Signal Processor for CIF CMOS Image Cameras

LR38630 Datasheet (HTML) - Sharp Corporation


LR38630 Product details

DESCRIPTION

The LR38630 is a CMOS digital signal processor for color camera systems of 110 k-pixel CMOS image sensor with primary color mosaic filters. The camera system consists of CIF CMOS image sensor (LZ34C10) and DSP IC (LR38630) with 2k bit EEPROM. Depending on application, 1 M-bit SRAM can be added in order to get slower frame rate at video output.



FEATURES

• Designed for 110 k-pixel color CMOS image sensors with R, G, and B color mosaic filters

• Compatible with CIF standard

• External control interface input/output

• Variable GAMMA and KNEE response

• 8-bit digital input

• Available for digital video 4 : 2 : 2 (U/Y/V/Y) output

• Built-in synchronous signal generation circuit to drive CMOS image sensor

• Built-in 2 k-bit EEPROM controller to set the camera adjustment data

• Built-in auto exposure control

• Built-in auto white balance control

• Built-in auto carrier balance control

• Built-in white blemish compensator

• Lower power consumption by dual clocking signal process technology

• Single +3.0 V power supply

• Package :

   80-pin LQFP (LQFP080-P-1212) 0.5 mm pin-pitch



 




Similar Part No. - LR38630

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38637 SHARP-LR38637 Datasheet
105Kb / 15P
Digital Signal Processor For VGA/CIF CMOS Image Sensors
More results


Similar Description - LR38630

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8110G PHILIPS-SAA8110G Datasheet
232Kb / 36P
Digital Signal Processor DSP for cameras
1997 Jun 13
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
Burr-Brown (TI)
VSP2230 BURR-BROWN-VSP2230 Datasheet
225Kb / 18P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
Sharp Corporation
LR38637 SHARP-LR38637 Datasheet
105Kb / 15P
Digital Signal Processor For VGA/CIF CMOS Image Sensors
logo
Texas Instruments
VSP2230 TI1-VSP2230_14 Datasheet
1Mb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2232 TI1-VSP2232_16 Datasheet
497Kb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com