Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRD6406AIP Datasheet (PDF) - Exar Corporation

XRD6406AIP Datasheet PDF - Exar Corporation
Part # XRD6406AIP
Download  XRD6406AIP Download
File Size   363.56 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter

XRD6406AIP Datasheet (PDF)

Go To PDF Page Download Datasheet
XRD6406AIP Datasheet PDF - Exar Corporation

Part # XRD6406AIP
Download  XRD6406AIP Click to download

File Size   363.56 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter

XRD6406AIP Datasheet (HTML) - Exar Corporation


XRD6406AIP Product details

GENERAL DESCRIPTION
The XRD6406 is a 10-bit, 6 MSPS, Analog-to-Digital Converter for applications that require high speed and high accuracy. Designed using an advanced CMOS process, this part offers excellent performance, low power consumption and latch-up free operation.

FEATURES
• 10-Bit Resolution
• Sampling Rate to 6 MSPS
• DNL = +1 LSB, INL = +2 LSB
• Internal S/H Function
• Single 5V Power Supply
• VIN DC Range: 0V to VDD
• VREF DC Range: 1V to VDD
• Low Power: 65mW
• Three-State Digital Outputs
• Latch-Up Free
• Pin Compatible With: MP8784

APPLICATIONS
• Digital Color Copiers
• Precision CCDs and Scanners
• Digital Radio




Similar Part No. - XRD6406AIP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD6414 EXAR-XRD6414 Datasheet
204Kb / 16P
CMOS 10-Bit, 20 MSPS, High Speed Analog-to-Digital Converter with 4:1 Input Analog Multiplexer
XRD6414AIQ EXAR-XRD6414AIQ Datasheet
204Kb / 16P
CMOS 10-Bit, 20 MSPS, High Speed Analog-to-Digital Converter with 4:1 Input Analog Multiplexer
XRD6440 EXAR-XRD6440 Datasheet
1Mb / 28P
10-BIT 40MSPS CMOS ADC
XRD6440AIQ EXAR-XRD6440AIQ Datasheet
1Mb / 28P
10-BIT 40MSPS CMOS ADC
XRD6440AIU EXAR-XRD6440AIU Datasheet
1Mb / 28P
10-BIT 40MSPS CMOS ADC
More results


Similar Description - XRD6406AIP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
10-bit high-speed analog-to-digital converter
1996 Sep 12
logo
Texas Instruments
THS10064 TI-THS10064 Datasheet
543Kb / 41P
10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Exar Corporation
MP7682 EXAR-MP7682 Datasheet
478Kb / 7P
CMOS, 6-Bit High-Speed Analog-to-digital Converter
XRD6414 EXAR-XRD6414 Datasheet
204Kb / 16P
CMOS 10-Bit, 20 MSPS, High Speed Analog-to-Digital Converter with 4:1 Input Analog Multiplexer
MP8784 EXAR-MP8784 Datasheet
628Kb / 9P
CMOS 5 MSPS 10BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP8775 EXAR-MP8775 Datasheet
511Kb / 8P
CMOS 20 MSPS, 8-Bit, High Speed Analog-to-Digital Converter
MP7686 EXAR-MP7686 Datasheet
752Kb / 9P
CMOS 6 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com