Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRD6414AIQ Datasheet (PDF) - Exar Corporation

XRD6414AIQ Datasheet PDF - Exar Corporation
Part # XRD6414AIQ
Download  XRD6414AIQ Download
File Size   204.68 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CMOS 10-Bit, 20 MSPS, High Speed Analog-to-Digital Converter with 4:1 Input Analog Multiplexer

XRD6414AIQ Datasheet (PDF)

Go To PDF Page Download Datasheet
XRD6414AIQ Datasheet PDF - Exar Corporation

Part # XRD6414AIQ
Download  XRD6414AIQ Click to download

File Size   204.68 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CMOS 10-Bit, 20 MSPS, High Speed Analog-to-Digital Converter with 4:1 Input Analog Multiplexer

XRD6414AIQ Datasheet (HTML) - Exar Corporation


XRD6414AIQ Product details

GENERAL DESCRIPTION

The XRD6414 is a 10-bit, 20 MSPS, Analog-to-Digital Converter (ADC) with a 4:1 Analog Input Multiplexer for applications that require high speed and high accuracy. Designed using an advanced CMOS process, this part offers excellent performance, low power consumption and latch-up free operation.



FEATURES

● 10-Bit Resolution

● 20MHz Sampling Rate

● 4:1 Analog Input Multiplexer

● Internal S/H Function

● Single 5.0V Power Supply

● VIN DC Range: 0V to VDD

● VREF DC Range: 1V to VDD

● Low Power: 120mW (typ)

● Three-State Digital Outputs

● Power Down: 1.5mW (typ) Power Dissipation

● ESD Protection: 2000V Minimum

● For 3V Operation Refer to XRD64L14



APPLICATIONS

● Multiplexed Data Acquisition

● Precision Scanners

● Digital Color Copiers

● Test and Scientific Instruments

● Digital Cameras

● Medical Imaging

● IR Imaging




Similar Part No. - XRD6414AIQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD6406 EXAR-XRD6406 Datasheet
363Kb / 12P
CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
XRD6406AID EXAR-XRD6406AID Datasheet
363Kb / 12P
CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
XRD6406AIP EXAR-XRD6406AIP Datasheet
363Kb / 12P
CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
XRD6440 EXAR-XRD6440 Datasheet
1Mb / 28P
10-BIT 40MSPS CMOS ADC
XRD6440AIQ EXAR-XRD6440AIQ Datasheet
1Mb / 28P
10-BIT 40MSPS CMOS ADC
More results


Similar Description - XRD6414AIQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
10-bit high-speed analog-to-digital converter
1996 Sep 12
logo
Exar Corporation
MP8775 EXAR-MP8775 Datasheet
511Kb / 8P
CMOS 20 MSPS, 8-Bit, High Speed Analog-to-Digital Converter
logo
Texas Instruments
THS10082 TI-THS10082 Datasheet
263Kb / 34P
10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
THS1009 TI-THS1009 Datasheet
235Kb / 31P
10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI-THS1007 Datasheet
246Kb / 36P
10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Exar Corporation
XRD6406 EXAR-XRD6406 Datasheet
363Kb / 12P
CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
logo
Cadeka Microcircuits LL...
SPT7851 CADEKA-SPT7851 Datasheet
225Kb / 9P
10-Bit, 20 MSPS, 79mW Analog-to-DIgital Converter
logo
Texas Instruments
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI1-THS10064_09 Datasheet
510Kb / 42P
10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com