Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7851 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7851 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7851
Download  SPT7851 Download
File Size   225.62 Kbytes
Page   9 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-Bit, 20 MSPS, 79mW Analog-to-DIgital Converter

SPT7851 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7851 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7851
Download  SPT7851 Click to download

File Size   225.62 Kbytes
Page   9 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-Bit, 20 MSPS, 79mW Analog-to-DIgital Converter

SPT7851 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7851 Product details

Description
The SPT7851 10-bit, 20 MSPS analog-to-digital converter has a pipelined converter architecture built in a CMOS process. It delivers high performance with a typical power dissipation of only 79mW. With low distortion and high dynamic range, this device offers the performance needed for imaging, multimedia, telecommunications and instrumentation applications.

Features
• 10-Bit, 20 MSPS Analog-to-Digital converter
• Monolithic CMOS
• Internal track-and-hold
• Low input capacitance: 1.4 pF
• Low power dissipation: 79mW
• 2.8 to 3.6V power supply range
• TTL-compatible outputs
• -40°C to +85°C operation

Applications
• CCD imaging cameras and sensors
• Medical imaging
• RF communications
• Document and film scanners
• Electro-optics
• Transient signal analysis
• Handheld equipment




Similar Part No. - SPT7851

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
SPT7851SIT ETC1-SPT7851SIT Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
More results


Similar Description - SPT7851

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9609 AD-AD9609 Datasheet
1Mb / 32P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS1610 TI1-ADS1610_14 Datasheet
1Mb / 30P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
logo
Texas Instruments
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com