Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7851 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7851
Description  10-Bit, 20 MSPS, 79mW Analog-to-DIgital Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7851 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7851 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
REV. 1B October 2003
Features
• 10-Bit, 20 MSPS Analog-to-Digital converter
• Monolithic CMOS
• Internal track-and-hold
•Low input capacitance: 1.4 pF
•Low power dissipation: 79mW
• 2.8 to 3.6V power supply range
• TTL-compatible outputs
• -40°C to +85°C operation
Applications
• CCD imaging cameras and sensors
• Medical imaging
• RF communications
• Document and film scanners
• Electro-optics
•Transient signal analysis
• Handheld equipment
Description
The SPT7851 10-bit, 20 MSPS analog-to-digital converter
has a pipelined converter architecture built in a CMOS
process. It delivers high performance with a typical power
dissipation of only 79mW. With low distortion and high
dynamic range, this device offers the performance needed
for imaging, multimedia, telecommunications and instru-
mentation applications.
The SPT7851 is available in a 44-lead Thin Quad Flat Pack
(TQFP) package in the industrial temperature range (-40°C
to +85°C).
SPT7851
10-Bit, 20 MSPS, 79mW
Analog-to-DIgital Converter
Functional Block Diagram
Stage
1
Stage
2
Stage
9
Stage
10
Clock
Driver
Digital Delays, Error Correction and Output
VIN+
VIN–
VREF+
VREF–
CLK
Digital Output (D0 – D9)
10
DAC
ADC
+ G=2
–
D<1…0> Pipeline Stage
www.cadeka.com


Similar Part No. - SPT7851

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
SPT7851SIT ETC1-SPT7851SIT Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
More results

Similar Description - SPT7851

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9609 AD-AD9609 Datasheet
1Mb / 32P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS1610 TI1-ADS1610_14 Datasheet
1Mb / 30P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
logo
Texas Instruments
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com