Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9609 Datasheet (PDF) - Analog Devices

AD9609 Datasheet PDF - Analog Devices
Part # AD9609
Download  AD9609 Download
File Size   1198.87 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter

AD9609 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9609 Datasheet PDF - Analog Devices

Part # AD9609
Download  AD9609 Click to download

File Size   1198.87 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter

AD9609 Datasheet (HTML) - Analog Devices


AD9609 Product details

GENERAL DESCRIPTION

The AD9609 is a monolithic, single channel 1.8 V supply, 10-bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS analog-to-digital converter (ADC). It features a high performance sample-and hold circuit and on-chip voltage reference.



FEATURES

1.8 V analog supply operation

1.8 V to 3.3 V output supply

SNR

  61.5 dBFS at 9.7 MHz input

  61.0 dBFS at 200 MHz input

SFDR

  75 dBc at 9.7 MHz input

  73 dBc at 200 MHz input

Low power

  45 mW at 20 MSPS

  76 mW at 80 MSPS

Differential input with 700 MHz bandwidth

On-chip voltage reference and sample-and-hold circuit

2 V p-p differential analog input

DNL = ±0.10 LSB

Serial port control options

  Offset binary, gray code, or twos complement data format

  Optional clock duty cycle stabilizer

  Integer 1-to-8 input clock divider

  Built-in selectable digital test pattern generation

  Energy-saving power-down modes

  Data clock out with programmable clock and data alignment



APPLICATIONS

Communications

Diversity radio systems

Multimode digital receivers

  GSM, EDGE, W-CDMA, LTE, CDMA2000, WiMAX, TD-SCDMA

Smart antenna systems

Battery-powered instruments

Handheld scope meters

Portable medical imaging

Ultrasound

Radar/LIDAR

PET/SPECT imaging




Similar Part No. - AD9609

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9609-20EBZ AD-AD9609-20EBZ Datasheet
1Mb / 33P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
AD9609-40EBZ AD-AD9609-40EBZ Datasheet
1Mb / 33P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
AD9609-65EBZ AD-AD9609-65EBZ Datasheet
1Mb / 33P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
AD9609-80EBZ AD-AD9609-80EBZ Datasheet
1Mb / 33P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
AD9609BCPZ-20 AD-AD9609BCPZ-20 Datasheet
1Mb / 33P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
More results


Similar Description - AD9609

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9251 AD-AD9251 Datasheet
1Mb / 36P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9650 AD-AD9650 Datasheet
1Mb / 44P
16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629 Datasheet
984Kb / 32P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. B
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com