Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9650 Datasheet (PDF) - Analog Devices

AD9650 Datasheet PDF - Analog Devices
Part # AD9650
Download  AD9650 Download
File Size   1666.9 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)

AD9650 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9650 Datasheet PDF - Analog Devices

Part # AD9650
Download  AD9650 Click to download

File Size   1666.9 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)

AD9650 Datasheet (HTML) - Analog Devices


AD9650 Product details

GENERAL DESCRIPTION

The AD9650 is a dual, 16-bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS analog-to-digital converter (ADC) designed for digitizing high frequency, wide dynamic range signals with input frequencies of up to 300 MHz. The dual ADC core features a multistage, differential pipelined architecture with integrated output error correction logic. Each ADC features wide bandwidth, differential sample-and-hold analog input amplifiers, and shared integrated voltage reference, which eases design considerations. A duty cycle stabilizer is provided to compensate for variations in the ADC clock duty cycle, allowing the converters to maintain excellent performance.



FEATURES

1.8 V analog supply operation

1.8 V CMOS or LVDS output supply

SNR

  82 dBFS at 30 MHz input and 105 MSPS data rate

  83 dBFS at 9.7 MHz input and 25 MSPS data rate

SFDR

  90 dBc at 30 MHz input and 105 MSPS data rate

  95 dBc at 9.7 MHz input and 25 MSPS data rate

Low power

  328 mW per channel at 105 MSPS

  119 mW per channel at 25 MSPS

Integer 1-to-8 input clock divider

IF sampling frequencies to 300 MHz

Analog input range of 2.7 V p-p

Optional on-chip dither

Integrated ADC sample-and-hold inputs

Differential analog inputs with 500 MHz bandwidth

ADC clock duty cycle stabilizer



APPLICATIONS

Industrial instrumentation

X-Ray, MRI, and ultrasound equipment

High speed pulse acquisition

Chemical and spectrum analysis

Direct conversion receivers

Multimode digital receivers

Smart antenna systems

General-purpose software radios




Similar Part No. - AD9650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9650-EP AD-AD9650-EP Datasheet
252Kb / 12P
Dual 16-Bit, 105 MSPS, 1.8 V Analog-to-Digital Converter
Rev. 0
AD9650USVZ-105EP AD-AD9650USVZ-105EP Datasheet
252Kb / 12P
Dual 16-Bit, 105 MSPS, 1.8 V Analog-to-Digital Converter
Rev. 0
AD9650USVZR7-105EP AD-AD9650USVZR7-105EP Datasheet
252Kb / 12P
Dual 16-Bit, 105 MSPS, 1.8 V Analog-to-Digital Converter
Rev. 0
More results


Similar Description - AD9650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9251 AD-AD9251 Datasheet
1Mb / 36P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9265 AD-AD9265 Datasheet
2Mb / 44P
16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9204 AD-AD9204 Datasheet
1Mb / 36P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9268 AD-AD9268 Datasheet
2Mb / 44P
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com