Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9258BCPZ-80 Datasheet (PDF) - Analog Devices

AD9258BCPZ-80 Datasheet PDF - Analog Devices
Part # AD9258BCPZ-80
Download  AD9258BCPZ-80 Download
File Size   2365.63 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)

AD9258BCPZ-80 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9258BCPZ-80 Datasheet PDF - Analog Devices

Part # AD9258BCPZ-80
Download  AD9258BCPZ-80 Click to download

File Size   2365.63 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)

AD9258BCPZ-80 Datasheet (HTML) - Analog Devices


AD9258BCPZ-80 Product details

GENERAL DESCRIPTION
The AD9258 is a dual, 14-bit, 80 MSPS/105 MSPS/125 MSPS analog-to-digital converter (ADC). The AD9258 is designed to support communications applications where high performance, combined with low cost, small size, and versatility, is desired.

FEATURES
   SNR = 77.6 dBFS @ 70 MHz and 125 MSPS
   SFDR = 88 dBc @ 70 MHz and 125 MSPS
   Low power: 750 mW @ 125 MSPS
   1.8 V analog supply operation
   1.8 V CMOS or LVDS output supply
   Integer 1-to-8 input clock divider
   IF sampling frequencies to 300 MHz
   −152.8 dBm/Hz small signal input noise with 200 Ω input
      impedance @ 70 MHz and 125 MSPS
   Optional on-chip dither
   Programmable internal ADC voltage reference
   Integrated ADC sample-and-hold inputs
   Flexible analog input range: 1 V p-p to 2 V p-p
   Differential analog inputs with 650 MHz bandwidth
   ADC clock duty cycle stabilizer
   95 dB channel isolation/crosstalk
   Serial port control
   User-configurable, built-in self-test (BIST) capability
   Energy-saving power-down modes
  
APPLICATIONS
   Communications
   Diversity radio systems
   Multimode digital receivers (3G)
      GSM, EDGE, W-CDMA, LTE,
      CDMA2000, WiMAX, TD-SCDMA
   I/Q demodulation systems
   Smart antenna systems
   General-purpose software radios
   Broadband data applications
   Ultrasound equipment




Similar Part No. - AD9258BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 45P
Analog-to-Digital Converter (ADC)
Rev. A
AD9258BCPZ-801 AD-AD9258BCPZ-801 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results


Similar Description - AD9258BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
AD9265 AD-AD9265 Datasheet
2Mb / 44P
16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9268 AD-AD9268 Datasheet
2Mb / 44P
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com