Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9648 Datasheet (PDF) - Analog Devices

AD9648 Datasheet PDF - Analog Devices
Part # AD9648
Download  AD9648 Download
File Size   1126.67 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter

AD9648 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9648 Datasheet PDF - Analog Devices

Part # AD9648
Download  AD9648 Click to download

File Size   1126.67 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter

AD9648 Datasheet (HTML) - Analog Devices


AD9648 Product details

GENERAL DESCRIPTION

The AD9648 is a monolithic, dual-channel, 1.8 V supply, 14-bit, 105 MSPS/125 MSPS analog-to-digital converter (ADC). It features a high performance sample-and-hold circuit and on chip voltage reference.

The product uses multistage differential pipeline architecture with output error correction logic to provide 14-bit accuracy at 125 MSPS data rates and to guarantee no missing codes over the full operating temperature range.



FEATURES

  1.8 V analog supply operation

  1.8 V CMOS or LVDS outputs

  SNR = 74.5 dBFS @ 70 MHz

  SFDR = 91 dBc @ 70 MHz

  Low power: 78 mW/channel ADC core @ 125 MSPS

  Differential analog input with 650 MHz bandwidth

  IF sampling frequencies to 200 MHz

  On-chip voltage reference and sample-and-hold circuit

  2 V p-p differential analog input

  DNL = ±0.35 LSB

  Serial port control options

     Offset binary, gray code, or twos complement data format

     Optional clock duty cycle stabilizer

     Integer 1-to-8 input clock divider

     Data output multiplex option

     Built-in selectable digital test pattern generation

     Energy-saving power-down modes

     Data clock out with programmable clock and data alignment

  

APPLICATIONS

  Communications

  Diversity radio systems

  Multimode digital receivers

     GSM, EDGE, W-CDMA, LTE,

     CDMA2000, WiMAX, TD-SCDMA

  I/Q demodulation systems

  Smart antenna systems

  Broadband data applications

  Battery-powered instruments

  Hand held scope meters

  Portable medical imaging

  Ultrasound

  Radar/LIDAR



 




Similar Part No. - AD9648

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9648 AD-AD9648 Datasheet
2Mb / 42P
Analog-to-Digital Converter
23-Feb-2017
AD9648-125EBZ AD-AD9648-125EBZ Datasheet
2Mb / 42P
Analog-to-Digital Converter
23-Feb-2017
AD9648BCPZ-105 AD-AD9648BCPZ-105 Datasheet
2Mb / 42P
Analog-to-Digital Converter
23-Feb-2017
AD9648BCPZ-125 AD-AD9648BCPZ-125 Datasheet
2Mb / 42P
Analog-to-Digital Converter
23-Feb-2017
AD9648BCPZRL7-105 AD-AD9648BCPZRL7-105 Datasheet
2Mb / 42P
Analog-to-Digital Converter
23-Feb-2017
More results


Similar Description - AD9648

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
AD9265 AD-AD9265 Datasheet
2Mb / 44P
16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com