Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7851 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT7851
Description  10-Bit, 20 MSPS, 79mW Analog-to-DIgital Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7851 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT7851 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
REV. 1B October 2003
3
SPT7851
DATA SHEET
TEST LEVEL CODES
All electrical characteristics are subject to the following conditions:
All parameters having min/max specifications are guaranteed. The Test Level column indicates the specific device testing
actually performed during production and Quality Assurance inspection.
LEVEL
TEST PROCEDURE
IV
Parameter is guaranteed (but not tested) by design or characterization data.
V
Parameter is a typical value for information purposes only.
VI
100% production tested at TA = +25°C. Parameter is guaranteed over specified temperature range.
Absolute Maximum Ratings (beyond which the device may be damaged)
Note:
1. Operation at any Absolute Maximum Rating is not implied.
See Electrical Specifications for proper nominal applied conditions in typical applications.
Digital Inputs
Logic 1 Voltage
VI
80%
VDD
Logic 0 Voltage
VI
20%
VDD
Maximum Input Current Low
VIN = GND
VI
±1
µA
Maximum Input Current High
VIN = VDD
VI
±1
µA
Input Capacitance
V
1.8
pF
Digital Outputs
Logic 1 Voltage
IO = -2mA
VI
85%
VDD
90%
VDD
V
Logic 0 Voltage
IO = +2mA
VI
0.1
0.4
V
CLK to Output Delay Time (tD)IV
4
8
12
ns
Power Supply Requirements
Supply Voltage (VDD1, VDD2, VDD3)IV
2.8
3.3
3.6
V
Supply Current (IDD)VI
24
30
mA
Power Dissipation
VI
79
100
mW
Power Supply Rejection Ratio
V
67
dB
Parameter
Min
Max
Units
Supply Voltages
VDD1, VDD2,VDD3
-0.5
+6
V
Input Voltages
Analog and Digital Input
-0.5
VDD +0.5
V
VREF+, VREF–, CLK
-0.5
VDD +0.5
V
Operating Temperature Range
-40
+85
°C
Storage Temperature Range
-65
+125
°C
Parameter
Conditions
Test Level
Min
Typ
Max
Units
Electrical Specifications
(TA = TMIN–TMAX, VDD1 = VDD2 = VDD3 = 3.3V, VREF– = 1.0V, VREF+ = 2.0V, Common Mode Voltage = 1.65V, ƒCLK = 20 MSPS,
Bias1 = 90µA, Bias2 = 9.5µA, Differential Input, Duty Cycle = 50%; unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com