Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7851 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT7851
Description  10-Bit, 20 MSPS, 79mW Analog-to-DIgital Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7851 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT7851 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
REV. 1B October 2003
DATA SHEET
SPT7851
Typical Performance Characteristics
(TA = TMIN–TMAX, VDD1 = VDD2 = VDD3 = 3.3V, VREF– = 1.0V, VREF+ = 2.0V, Common Mode Voltage = 1.65, ƒCLK = 20 MSPS,
Bias1 = 90µA, Bias2 = 9.5µA, Differential Input, Duty Cycle = 50%; unless otherwise noted)
THD, SNR, SINAD vs. Temperature
70
64
60
56
62
68
85
Temperature ( °C)
58
-40
-25
0
25
50
70
66
80
60
40
20
50
70
30
THD, SNR, SINAD vs. Input Frequency
Input Frequency (MHz)
100
102
101
THD
SNR
SINAD
80
60
40
20
50
70
30
THD, SNR, SINAD vs. Sample Rate
Sample Rate (MSPS)
100
102
101
THD
SINAD
SNR
NOTE: Bias1 and Bias2 currents
optimized for each sample rate
150
100
50
0
75
125
25
Power Dissipation vs. Sample Rate
Sample Rate (MSPS)
100
102
101
NOTE: Bias1 and Bias2 currents
optimized for each sample rate
THD
SNR
SINAD
IBIAS1 (µA)
3.4
2.0
3.2
30
0
Bias1 Voltage vs. Bias1 Current
60
90
120
150
180
IBias1
VBias1
30
2.19
60
2.53
90
2.79
120
3
150
3.22
3.0
2.8
2.6
2.4
2.2
IBIAS2 (µA)
0.90
0.85
3
0
Bias2 Voltage vs. Bias2 Current
69
12
15
18
IBias2
VBias2
3
0.6975
6
0.7535
9
0.796
12
0.8295
15
0.8595
0.80
0.75
0.70
0.65
0.60



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com