Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7851 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT7851
Description  10-Bit, 20 MSPS, 79mW Analog-to-DIgital Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7851 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT7851 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
REV. 1B October 2003
5
SPT7851
DATA SHEET
General Description
The SPT7851 is an ultra-low power, 10-bit, 20 MSPS ADC.
It has a pipelined architecture and incorporates digital error
correction of all 10 bits. This error correction ensures good
linearity performance for input frequencies up to Nyquist.
The inputs are fully differential, making the device insensi-
tive to system-level noise. This device can also be used in a
single-ended mode. (See analog input section.) With the
power dissipation roughly proportional to the sampling rate,
this device is ideal for very low power applications in the
range of 1 to 20 MSPS.
Typical Interface Circuit
The SPT7851 requires few external components to achieve
the stated operation and performance. Figure 2 shows the
typical interface requirements when using the SPT7851
in normal circuit operation. The following sections provide
a description of the functions and outline critical perfor-
mance criteria to consider for achieving the optimal device
performance.
N+8
N+7
N+6
N+2
N+1
N
N-1
tD
N-2
N-1
N
Sampling
Points
AIN
CLK
DOUT
tAP
Figure 1: Timing Diagram
GND
.01 µF
+
4.7 µF
Ref- In
(+1.15 V)
Ref+ In
(+2.15 V)
.01 µF
+
10 µF
0.1 µF
+3.3V
CLKIN
(3V Logic)
Interfacing
3V Logic
Decoupling
Cap
DGND
FB
AGND
U1
SPT7851
.01 µF
(+1.65 V)
Minicircuit
T1-6T
RFIN
51Ω
68 pF
22
23
11
12
34
33
1
44
N/C
N/C
N/C
GND
Bias1
Bias2
VCM
GND
VIN+
VIN-
GND
VDD3
D0
D1
D2
D3
D4
D5
D6
D7
.01 µF
+
4.7 µF
+3.3V Digital
9.5 µA
90 µA
DNC
DNC
(LSB)
Note: 1. All VDD1, VDD2 and VDD3 should be tied together.
2. FB = Ferrite Bead; must be placed as close to U1 as possible.
+3.3V
Figure 2: Typical Interface Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com