Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7851 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT7851
Description  10-Bit, 20 MSPS, 79mW Analog-to-DIgital Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7851 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT7851 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7851 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
REV. 1B October 2003
DATA SHEET
SPT7851
Electrical Specifications
(TA = TMIN–TMAX, VDD1 = VDD2 = VDD3 = 3.3V, VREF– = 1.0V, VREF+ = 2.0V, Common Mode Voltage = 1.65V, ƒCLK = 20 MSPS,
Bias1 = 90µA, Bias2 = 9.5µA, Differential Input, Duty Cycle = 50%; unless otherwise noted)
Parameter
Conditions
Test Level
Min
Typ
Max
Units
DC Accuracy
Resolution
10
Bits
Differential Linearity
V
±0.6
LSB
Integral Linearity
V
±0.75
LSB
No Missing Codes
VI
Analog Input
Input Voltage Range (differential)
IV
±0.6
±1.0
±1.7
V
Common Mode Input Voltage
IV
1.2
1.65
1.9
V
Input Capacitance
V
1.4
pF
Input Bandwidth (large signal)
V
120
MHz
Offset (mid-scale)
VIN+ = VIN- = VCM
V
±1.0
%FSR
Gain Error
V
0.3
%FSR
Reference Voltages
Reference Input Voltage Range
VREF+ – VREF–
IV
0.6
1.0
1.7
V
Negative Reference Voltage (VREF–)IV
0.9
1.0
1.3
V
Positive Reference Voltage (VREF+)IV
1.9
2.0
2.9
V
Common Mode Output Voltage (VCM)IO = -1µAVI
1.3
1.65
1.8
V
VREF+ Current
V
35
µA
VREF– Current
V
-25
µA
Switching Performance
Maximum Conversion Rate
VI
20
MHz
Pipeline Delay (see Figure 1)
IV
7.5
CLK
Aperture Delay Time (TAP)V
5
ns
Aperture Jitter Time
V
10
ps-rms
Dynamic Performance
Signal-To-Noise Ratio
ƒIN = 5MHz
VI
57
58
dB
ƒIN = 10MHz
V
58
dB
Effective Number of Bits
ƒIN = 5MHz
VI
9.0
9.3
Bits
ƒIN = 10MHz
V
9.0
Bits
Total Harmonic Distortion
ƒIN = 5MHz
VI
-68
-61
dB
ƒIN = 10MHz
V
-60
dB
Signal-To-Noise and Distortion
ƒIN = 5MHz
VI
56
58
dB
ƒIN = 10MHz
V
56
dB
Spurious Free Dynamic Range
ƒIN = 5MHz
VI
62
70
dB
ƒIN = 10MHz
V
61
dB
Differential Phase
V
0.2
deg
Differential Gain
V
0.5
%
Guaranteed



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com