Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5530 Datasheet (PDF) - Analog Devices

ADL5530 Datasheet PDF - Analog Devices
Part # ADL5530
Download  ADL5530 Download
File Size   305.51 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 1000 MHz IF Gain Block

ADL5530 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5530 Datasheet PDF - Analog Devices

Part # ADL5530
Download  ADL5530 Click to download

File Size   305.51 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 1000 MHz IF Gain Block

ADL5530 Datasheet (HTML) - Analog Devices


ADL5530 Product details

GENERAL DESCRIPTION
The ADL5530 is a broadband, fixed-gain, linear amplifier that operates at frequencies up to 1000 MHz. The device can be used in a wide variety of wired and wireless devices, including cellular, broadband, CATV, and LMDS/MMDS applications.

FEATURES
   Fixed gain of 16.5 dB
   Operation up to 1000 MHz
   37 dBm Output Third-Order Intercept (OIP3)
   3 dB noise figure
   Input/output internally matched to 50 Ω
   Stable temperature and power supply
   3 V or 5 V power supply
   110 mA power supply current

APPLICATIONS
   VCO buffers
   General purpose Tx/Rx amplification




Similar Part No. - ADL5530

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5530 AD-ADL5530 Datasheet
399Kb / 16P
DC to 1000 MHz IF Gain Block
Feb-2017
ADL5530-EVALZ AD-ADL5530-EVALZ Datasheet
399Kb / 16P
DC to 1000 MHz IF Gain Block
Feb-2017
ADL5530ACPZ-R7 AD-ADL5530ACPZ-R7 Datasheet
399Kb / 16P
DC to 1000 MHz IF Gain Block
Feb-2017
ADL5530ACPZ-WP AD-ADL5530ACPZ-WP Datasheet
399Kb / 16P
DC to 1000 MHz IF Gain Block
Feb-2017
ADL5530 AD-ADL5530_15 Datasheet
438Kb / 16P
DC to 1000 MHz IF Gain Block
REV. A
More results


Similar Description - ADL5530

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5534 AD-ADL5534 Datasheet
366Kb / 9P
20 MHz to 500 MHz IF Gain Block
May-2007
ADL5531 AD-ADL5531 Datasheet
321Kb / 12P
20 MHz to 500 MHz IF Gain Block
8/07-Revision 0
ADL5530 AD-ADL5530_15 Datasheet
438Kb / 16P
DC to 1000 MHz IF Gain Block
REV. A
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
20 MHz to 500 MHz IF Gain Block
REV. B
logo
Advanced Semiconductor ...
ASF130 ASB-ASF130 Datasheet
466Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF133 ASB-ASF133 Datasheet
455Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF140 ASB-ASF140 Datasheet
457Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF153 ASB-ASF153 Datasheet
587Kb / 11P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
August 2014
logo
Analog Devices
ADL5530 AD-ADL5530_17 Datasheet
399Kb / 16P
DC to 1000 MHz IF Gain Block
Feb-2017
ADL5531 AD-ADL5531_17 Datasheet
371Kb / 12P
20 MHz to 500 MHz IF Gain Block
Aug-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com