Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5531 Datasheet (PDF) - Analog Devices

ADL5531 Datasheet PDF - Analog Devices
Part # ADL5531
Download  ADL5531 Download
File Size   321.06 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 MHz to 500 MHz IF Gain Block

ADL5531 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5531 Datasheet PDF - Analog Devices

Part # ADL5531
Download  ADL5531 Click to download

File Size   321.06 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 MHz to 500 MHz IF Gain Block

ADL5531 Datasheet (HTML) - Analog Devices


ADL5531 Product details

GENERAL DESCRIPTION
The ADL5531 is a broadband, fixed-gain, linear amplifier that operates at frequencies up to 500 MHz. The device can be used in a wide variety of equipment, including cellular, satellite, broadband, and instrumentation equipment.
The ADL5531 provides a gain of 20 dB, which is stable over frequency, temperature, power supply, and from device to device. This amplifier is single ended and internally matched to 50 Ω. Only input/output ac coupling capacitors, power supply decoupling capacitors, and external inductors are required for operation.

FEATURES
   Fixed gain of 20 dB
   Operation up to 500 MHz
   Input/output internally matched to 50 Ω
   Integrated bias control circuit
   Output IP3
      41 dBm at 70 MHz
      39 dBm at 190 MHz
   Output 1 dB compression: 20.6 dB at 190 MHz
   Noise figure: 2.5 dB at 190 MHz
   Single 5 V power supply
   Small footprint 8-lead LFCSP
   ADL5534 20 dB gain dual-channel version
   ±2 kV ESD (Class 2)




Similar Part No. - ADL5531

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5531 AD-ADL5531 Datasheet
371Kb / 12P
20 MHz to 500 MHz IF Gain Block
Aug-2017
ADL5531-EVALZ AD-ADL5531-EVALZ Datasheet
371Kb / 12P
20 MHz to 500 MHz IF Gain Block
Aug-2017
ADL5531ACPZ-R7 AD-ADL5531ACPZ-R7 Datasheet
371Kb / 12P
20 MHz to 500 MHz IF Gain Block
Aug-2017
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
20 MHz to 500 MHz IF Gain Block
REV. B
ADL5531 AD-ADL5531_17 Datasheet
371Kb / 12P
20 MHz to 500 MHz IF Gain Block
Aug-2017
More results


Similar Description - ADL5531

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5532 AD-ADL5532 Datasheet
262Kb / 8P
20 MHz to 500 MHz IF Gain Blocks
May-2007
ADL5534 AD-ADL5534 Datasheet
366Kb / 9P
20 MHz to 500 MHz IF Gain Block
May-2007
ADL5534 AD-ADL5534_08 Datasheet
657Kb / 9P
20 MHz to 500 MHz IF Amplifier
Rev. PrE 2/08
ADL5536 AD-ADL5536 Datasheet
307Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
REV. 0
ADL5535 AD-ADL5535 Datasheet
387Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
REV. 0
ADL5530 AD-ADL5530_15 Datasheet
438Kb / 16P
DC to 1000 MHz IF Gain Block
REV. A
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
20 MHz to 500 MHz IF Gain Block
REV. B
ADL5531 AD-ADL5531_17 Datasheet
371Kb / 12P
20 MHz to 500 MHz IF Gain Block
Aug-2017
ADL5534 AD-ADL5534_14 Datasheet
410Kb / 16P
20 MHz to 500 MHz Dual IF Amplifier
2/14-Rev. A to Rev. B
ADL5536 AD-ADL5536_17 Datasheet
337Kb / 14P
20 MHz to 1.0 GHz IF Gain Block
Oct-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com