Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5535 Datasheet (PDF) - Analog Devices

ADL5535 Datasheet PDF - Analog Devices
Part # ADL5535
Download  ADL5535 Download
File Size   387.29 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 MHz to 1.0 GHz IF Gain Block

ADL5535 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5535 Datasheet PDF - Analog Devices

Part # ADL5535
Download  ADL5535 Click to download

File Size   387.29 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 MHz to 1.0 GHz IF Gain Block

ADL5535 Datasheet (HTML) - Analog Devices


ADL5535 Product details

GENERAL DESCRIPTION
The ADL5535 is a 16 dB linear amplifier that operates at frequencies up to 1 GHz. The device can be used in a wide variety of cellular, CATV, military, and instrumentation equipment.
The ADL5535 provides the highest dynamic range available from an internally matched IF gain block. This is accomplished by providing extremely low noise figures and very high OIP3 specifications simultaneously across the entire 1 GHz frequency range. The ADL5535 also provides extremely flat gain and P1dB over frequency, which are stable over temperature, power supply, and from device to device.

FEATURES
   Fixed gain of 16 dB
   Operation from 20 MHz to 1.0 GHz
   Input and output internally matched to 50 Ω
   Integrated bias control circuit
   OIP3
      45.5 dBm at 190 MHz
      45.5 dBm at 380 MHz
   Noise figure
      3.2 dB at 190 MHz
      3.3 dB at 380 MHz
   P1dB of 18.9 dBm at 190 MHz
   Single 5 V power supply
   Low quiescent current of 97 mA
   MSL-1 rated SOT-89 package
   ESD rating of ±2 kV (Class 2)
   Pin-compatible with the 20 dB gain ADL5536




Similar Part No. - ADL5535

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5535 AD-ADL5535 Datasheet
165Kb / 3P
Low Noise, Low Distortion Single-Ended Input Drive Circuit for Differential Input IF Sampling ADCs
REV. 0
ADL5535 AD-ADL5535 Datasheet
381Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
Rev. A
ADL5535-EVALZ AD-ADL5535-EVALZ Datasheet
381Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
Rev. A
ADL5535ARKZ-R7 AD-ADL5535ARKZ-R7 Datasheet
381Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
Rev. A
ADL5535 AD-ADL5535_V01 Datasheet
381Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
Rev. A
More results


Similar Description - ADL5535

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5534 AD-ADL5534 Datasheet
366Kb / 9P
20 MHz to 500 MHz IF Gain Block
May-2007
ADL5531 AD-ADL5531 Datasheet
321Kb / 12P
20 MHz to 500 MHz IF Gain Block
8/07-Revision 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5536 AD-ADL5536 Datasheet
307Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
20 MHz to 500 MHz IF Gain Block
REV. B
ADL5531 AD-ADL5531_17 Datasheet
371Kb / 12P
20 MHz to 500 MHz IF Gain Block
Aug-2017
ADL5536 AD-ADL5536_17 Datasheet
337Kb / 14P
20 MHz to 1.0 GHz IF Gain Block
Oct-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com