Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5544 Datasheet (PDF) - Analog Devices

ADL5544 Datasheet PDF - Analog Devices
Part # ADL5544
Download  ADL5544 Download
File Size   418.83 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 MHz to 6 GHz RF/IF Gain Block

ADL5544 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5544 Datasheet PDF - Analog Devices

Part # ADL5544
Download  ADL5544 Click to download

File Size   418.83 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 MHz to 6 GHz RF/IF Gain Block

ADL5544 Datasheet (HTML) - Analog Devices


ADL5544 Product details

GENERAL DESCRIPTION

The ADL5544 is a single-ended RF/IF gain block amplifier that provides broadband operation from 30 MHz to 6 GHz. The ADL5544 provides over 34 dBm of OIP3 using only 55 mA from a 5 V supply.

The ADL5544 provides a gain of 17 dB, which is stable over frequency, temperature, power supply, and from device to device. The amplifier is offered in the industry-standard SOT-89 package and is internally matched to 50 Ω at the input and output, making the ADL5544 very easy to implement in a wide variety of applications. The only external components required are the input/output accoupling capacitors, power supply decoupling capacitors, and dc bias inductor.

The ADL5544 is fabricated on an InGaP HBT process and has a high ESD rating of ±1.5 kV (Class 1C). The ADL5544 is also fully specified for operation across the wide temperature range of −40°C to +105°C. A fully populated RoHS-compliant evaluation board is available.



FEATURES

  Fixed gain of 17.4 dB

  Broadband operation from 30 MHz to 6 GHz

  Input/output internally matched to 50 Ω

  Integrated bias control circuit

  OIP3 of 34.9 dBm at 900 MHz

  P1dB of 17.6 dBm at 900 MHz

  Noise figure of 2.9 dB at 900 MHz

  Single 5 V power supply

  Low quiescent current of 55 mA

  Wide operating temperature range of −40°C to +105°C

  Thermally efficient SOT-89 package

  ESD rating of ±1.5 kV (Class 1C)



 




Similar Part No. - ADL5544

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5544 AD-ADL5544 Datasheet
389Kb / 20P
30 MHz to 6 GHz RF/IF Gain Block
Rev. A
ADL5544-EVALZ AD-ADL5544-EVALZ Datasheet
389Kb / 20P
30 MHz to 6 GHz RF/IF Gain Block
Rev. A
ADL5544ARKZ-R7 AD-ADL5544ARKZ-R7 Datasheet
389Kb / 20P
30 MHz to 6 GHz RF/IF Gain Block
Rev. A
ADL5544 AD-ADL5544_V01 Datasheet
389Kb / 20P
30 MHz to 6 GHz RF/IF Gain Block
Rev. A
More results


Similar Description - ADL5544

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5535 AD-ADL5535 Datasheet
387Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5545 AD-ADL5545 Datasheet
414Kb / 20P
30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com