Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5545 Datasheet (PDF) - Analog Devices

ADL5545 Datasheet PDF - Analog Devices
Part # ADL5545
Download  ADL5545 Download
File Size   414.01 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 MHz to 6 GHz RF/IF Gain Block

ADL5545 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5545 Datasheet PDF - Analog Devices

Part # ADL5545
Download  ADL5545 Click to download

File Size   414.01 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 MHz to 6 GHz RF/IF Gain Block

ADL5545 Datasheet (HTML) - Analog Devices


ADL5545 Product details

GENERAL DESCRIPTION
The ADL5545 is a single-ended RF/IF gain block amplifier that provides broadband operation from 30 MHz to 6 GHz. The ADL5545 provides over 36 dBm of OIP3 using only 56 mA from a 5 V supply.
   
FEATURES
    Fixed gain of 24.1 dB
    Broadband operation from 30 MHz to 6 GHz
    Input/output internally matched to 50 Ω
    Integrated bias control circuit
    OIP3 of 36.4 dBm at 900 MHz
    P1dB of 18.1 dBm at 900 MHz
    Noise figure of 2.9 dB at 900 MHz
    Single 5 V power supply
    Low quiescent current of 56 mA
    Wide operating temperature range of −40°C to +105°C
    Thermally efficient SOT-89 package
    ESD rating of ±1.5 kV (Class 1C)
   




Similar Part No. - ADL5545

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5545 AD-ADL5545 Datasheet
371Kb / 18P
30 MHz to 6 GHz RF/IF Gain Block
Rev. B
ADL5545-EVALZ AD-ADL5545-EVALZ Datasheet
371Kb / 18P
30 MHz to 6 GHz RF/IF Gain Block
Rev. B
ADL5545ARKZ-R7 AD-ADL5545ARKZ-R7 Datasheet
371Kb / 18P
30 MHz to 6 GHz RF/IF Gain Block
Rev. B
ADL5545 AD-ADL5545_V01 Datasheet
371Kb / 18P
30 MHz to 6 GHz RF/IF Gain Block
Rev. B
More results


Similar Description - ADL5545

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5535 AD-ADL5535 Datasheet
387Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com