Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C012A Datasheet (PDF) - Norgren Ltd

C012A Datasheet PDF - Norgren Ltd
Part # C012A
Download  C012A Download
File Size   1753.97 Kbytes
Page   27 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description PUSH-IN fittings, metric

C012A Datasheet (PDF)

Go To PDF Page Download Datasheet
C012A Datasheet PDF - Norgren Ltd

Part # C012A
Download  C012A Click to download

File Size   1753.97 Kbytes
Page   27 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description PUSH-IN fittings, metric

C012A Datasheet (HTML) - Norgren Ltd


C012A Product details

Technical features
Medium:
Compressed air
Operating pressure:
10 bar (145 psi) max.
Vacuum:
750 mm of Hg
Thread sizes:
M5, M6, 1/8, 1/4, 3/8 and 1/2
ISO G, ISO Rc and ISO R
Ambient/Media temperature:
-20°C ... +60°C ( -4 ... 140°F)
Tube sizes:
4, 6, 8, 10, 12, 16 mm
Tubing types:
PA 11 or 12
PUR 85, 95 or 98 durometer
Warning:
The Norgren Pneufit® C range
must not be used in vehicle air
braking or ancillary systems. For
push in fittings suitable for these
applications, please refer to the
Fleetfit range.
Materials:
Body: PBT
Seals: NBR (silicone free)
u-packing and O-rings
Threaded bodies: nickel plated
brass
Release sleeve and backing ring:
POM
Grab-ring: stainless steel
Collar: nickel plated brass
Thread sealant: chemitech G-
175L




Similar Part No. - C012A

ManufacturerPart #DatasheetDescription
logo
Powerbox
C01 POWERBOX-C01 Datasheet
2Mb / 2P
1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
C01 XPPOWER-C01 Datasheet
981Kb / 12P
MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
ice Components, Ins.
C01-0008-01-00 ICE-C01-0008-01-00 Datasheet
378Kb / 2P
Common Mode Choke
C01-0008-01-00 ICE-C01-0008-01-00 Datasheet
373Kb / 2P
Common Mode Choke
C01-0012-01-00 ICE-C01-0012-01-00 Datasheet
378Kb / 2P
Common Mode Choke
More results


Similar Description - C012A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
Conduit-to-Pipe Fittings
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
Ralston Instruments.
QTHA-MFB0-2015 RALSTON-QTHA-MFB0-2015 Datasheet
667Kb / 1P
Connect to male Metric straight thread fittings
QTHA-MFB0-2015 RALSTON-QTHA-MFB0-2015_19 Datasheet
630Kb / 1P
Connect to male Metric straight thread fittings
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
One-touch Fittings
C02250605 ETC1-C02250605 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
2015
logo
Norgren Ltd
10125 NORGREN-10125 Datasheet
8Mb / 18P
PNEUFIT 10 series Push-in fittings
03/23
M0020 NORGREN-M0020 Datasheet
1Mb / 4P
Pneufit® M PUSH-IN fittings, metric
1/19
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com