Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10043 Datasheet (PDF) - Norgren Ltd

10043 Datasheet PDF - Norgren Ltd
Part # 10043
Download  10043 Download
File Size   8696.45 Kbytes
Page   18 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description PNEUFIT 10 series Push-in fittings

10043 Datasheet (PDF)

Go To PDF Page Download Datasheet
10043 Datasheet PDF - Norgren Ltd

Part # 10043
Download  10043 Click to download

File Size   8696.45 Kbytes
Page   18 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description PNEUFIT 10 series Push-in fittings

10043 Datasheet (HTML) - Norgren Ltd


10043 Product details

> Port size: Ø 4 ... 16 mm
O/D tube, ISO G, ISO R,
ISO Rc and NPT threads
> Very compact units
> Easy tube insertion
for rapid assembly of
pneumatic circuits
> Positive tube anchorage
> All BSP taper threads
pre-coated with non-
PTFE based sealant
> Straight adaptors
feature internal
hexagon for allen key
> Silicon free, O-rings




Similar Part No. - 10043

ManufacturerPart #DatasheetDescription
logo
Heyco.
10043 HEYCO-10043 Datasheet
111Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Festo Corporation.
100430 FESTO-100430 Datasheet
78Kb / 1P
Sender nozzle
logo
3M Electronics
100430 3M-100430 Datasheet
69Kb / 2P
3MTM Static Shielding Bag SCC 1000
logo
PHOENIX CONTACT
1004300 PHOENIX-1004300 Datasheet
172Kb / 4P
ECS-PCB - PCB
1004301 PHOENIX-1004301 Datasheet
241Kb / 7P
AI 6 -12 BK -1000 - Ferrule
More results


Similar Description - 10043

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
Adapter for Miscellaneous Fittings
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
Conduit-to-Pipe Fittings
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
Weidmuller
2490360000 WEIDMULLER-2490360000 Datasheet
631Kb / 33P
Feed-through terminal, PUSH IN, 10 mm짼
November 9, 2021
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
One-touch Fittings
C02250605 ETC1-C02250605 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
2015
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
M0020 NORGREN-M0020 Datasheet
1Mb / 4P
Pneufit® M PUSH-IN fittings, metric
1/19
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com