Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10188 Datasheet (PDF) - Norgren Ltd

10188 Datasheet PDF - Norgren Ltd
Part # 10188
Download  10188 Download
File Size   8696.45 Kbytes
Page   18 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description PNEUFIT 10 series Push-in fittings

10188 Datasheet (PDF)

Go To PDF Page Download Datasheet
10188 Datasheet PDF - Norgren Ltd

Part # 10188
Download  10188 Click to download

File Size   8696.45 Kbytes
Page   18 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description PNEUFIT 10 series Push-in fittings

10188 Datasheet (HTML) - Norgren Ltd


10188 Product details

> Port size: Ø 4 ... 16 mm
O/D tube, ISO G, ISO R,
ISO Rc and NPT threads
> Very compact units
> Easy tube insertion
for rapid assembly of
pneumatic circuits
> Positive tube anchorage
> All BSP taper threads
pre-coated with non-
PTFE based sealant
> Straight adaptors
feature internal
hexagon for allen key
> Silicon free, O-rings




Similar Part No. - 10188

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
10188 PHILIPS-10188 Datasheet
180Kb / 4P
Hex Buffer with Enable (Non-Inverting)
June 14 1990
logo
Heyco.
10188 HEYCO-10188 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Festo Corporation.
10188 FESTO-10188 Datasheet
99Kb / 1P
Connection block
logo
PHOENIX CONTACT
1018801 PHOENIX-1018801 Datasheet
206Kb / 7P
PSD-S 50 CE BT 250-M - Connection element
logo
Coherent Corp
101880X01 COHERENT-101880X01 Datasheet
639Kb / 7P
QBH FIBER OPTIC CABLE
More results


Similar Description - 10188

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
Adapter for Miscellaneous Fittings
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
Conduit-to-Pipe Fittings
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
Weidmuller
2490360000 WEIDMULLER-2490360000 Datasheet
631Kb / 33P
Feed-through terminal, PUSH IN, 10 mm짼
November 9, 2021
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
One-touch Fittings
C02250605 ETC1-C02250605 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
2015
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
M0020 NORGREN-M0020 Datasheet
1Mb / 4P
Pneufit® M PUSH-IN fittings, metric
1/19
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com