Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY69754AL Datasheet (PDF) - Micrel Semiconductor

SY69754AL Datasheet PDF - Micrel Semiconductor
Part # SY69754AL
Download  SY69754AL Download
File Size   500.86 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V, 622Mbps Clock and Data Recovery

SY69754AL Datasheet (PDF)

Go To PDF Page Download Datasheet
SY69754AL Datasheet PDF - Micrel Semiconductor

Part # SY69754AL
Download  SY69754AL Click to download

File Size   500.86 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V, 622Mbps Clock and Data Recovery

SY69754AL Datasheet (HTML) - Micrel Semiconductor


SY69754AL Product details

General Description
The SY69754AL is a complete Clock Recovery and Data Retiming integrated circuit for OC-12/STS-12 applications at 622Mbps NRZ. The device is ideally suited for SONET/SDH/ATM applications and other high-speed data transmission systems.

Features
3.3V power supply
• SONET/SDH/ATM compatible
• Clock and data recovery for 622Mbps NRZ data stream
• Two on-chip PLLs: one for clock generation and another for clock recovery
• Selectable reference frequencies
• Differential PECL high-speed serial I/O
• Line receiver input: no external buffering needed
• Link fault indication
• 100k ECL compatible I/O
• Industrial temperature range (–40°C to +85°C)
• Available in 32-pin EPAD-TQFP

Applications
• Ethernet media converter
• SONET/SDH/ATM OC-12
• Proprietary architecture at 500Mbps to 650Mbps




Similar Part No. - SY69754AL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY69754ALHG MICREL-SY69754ALHG Datasheet
492Kb / 14P
3.3V, 622Mbps Clock and Data Recovery
SY69754ALHGTR MICREL-SY69754ALHGTR Datasheet
492Kb / 14P
3.3V, 622Mbps Clock and Data Recovery
SY69754AL MICREL-SY69754AL_07 Datasheet
492Kb / 14P
3.3V, 622Mbps Clock and Data Recovery
More results


Similar Description - SY69754AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1565R SONY-CXB1565R Datasheet
288Kb / 16P
622Mbps Clock & Data Recovery with High Sensitivity Limitting Amplifier
logo
Maxim Integrated Produc...
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
logo
Micrel Semiconductor
SY69753AL MICREL-SY69753AL Datasheet
499Kb / 13P
3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753L MICREL-SY69753L_06 Datasheet
443Kb / 13P
3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
logo
Micrel Semiconductor
SY69753AL MICREL-SY69753AL_07 Datasheet
491Kb / 13P
3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753L MICREL-SY69753L_07 Datasheet
489Kb / 13P
3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69754AL MICREL-SY69754AL_07 Datasheet
492Kb / 14P
3.3V, 622Mbps Clock and Data Recovery
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com