Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXB1565R Datasheet (PDF) - Sony Corporation

CXB1565R Datasheet PDF - Sony Corporation
Part # CXB1565R
Download  CXB1565R Download
File Size   288.27 Kbytes
Page   16 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 622Mbps Clock & Data Recovery with High Sensitivity Limitting Amplifier

CXB1565R Datasheet (PDF)

Go To PDF Page Download Datasheet
CXB1565R Datasheet PDF - Sony Corporation

Part # CXB1565R
Download  CXB1565R Click to download

File Size   288.27 Kbytes
Page   16 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 622Mbps Clock & Data Recovery with High Sensitivity Limitting Amplifier

CXB1565R Datasheet (HTML) - Sony Corporation


CXB1565R Product details

Description
The CXB1565R achieves 3R optical-fiber communication receiver functions (Reshaping and Regenerating and Retiming) on a single chip. This IC also equipped with the signal interruption alarm output, which is used to discriminate the existence of data input.

Features
• Auto-offset canceler circuit
• Signal interruption alarm output
• No reference clock required
• Single 5V power supply

Applications
• SONET/SDH: 622.08Mbps
• ATM: 622.08Mbps




Similar Part No. - CXB1565R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1561Q-Y SONY-CXB1561Q-Y Datasheet
564Kb / 23P
s3R-IC for Optical Fiber Cimmunication Receiver
CXB1562AQ SONY-CXB1562AQ Datasheet
318Kb / 16P
2R IC for Optical Fiber Communication Receiver
CXB1563Q SONY-CXB1563Q Datasheet
296Kb / 16P
2R IC for Optical Fiber Communication Receiver
CXB1567Q SONY-CXB1567Q Datasheet
439Kb / 16P
Limiting Amplifier for Optical Fiber Communication Receiver
More results


Similar Description - CXB1565R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1575AQ SONY-CXB1575AQ Datasheet
286Kb / 16P
155Mbps Clock & Data Recovery with High Sensitivity Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3270 MAXIM-MAX3270 Datasheet
101Kb / 12P
155Mbps/622Mbps Clock Recovery and Data Retiming IC with Fully Integrated Phase/Frequency Detector
19-0379; Rev 0; 3/95
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3991 MAXIM-MAX3991 Datasheet
261Kb / 12P
10Gbps Clock and Data Recovery with Limiting Amplifier
Rev 0; 11/04
logo
Micrel Semiconductor
SY69754AL MICREL-SY69754AL Datasheet
500Kb / 14P
3.3V, 622Mbps Clock and Data Recovery
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
logo
Micrel Semiconductor
SY69754AL MICREL-SY69754AL_07 Datasheet
492Kb / 14P
3.3V, 622Mbps Clock and Data Recovery
logo
Maxim Integrated Produc...
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com