Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPS-1616 Datasheet (PDF) - Renesas Technology Corp

CPS-1616 Datasheet PDF - Renesas Technology Corp
Part # CPS-1616
Download  CPS-1616 Download
File Size   1271.52 Kbytes
Page   78 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch

CPS-1616 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPS-1616 Datasheet PDF - Renesas Technology Corp

Part # CPS-1616
Download  CPS-1616 Click to download

File Size   1271.52 Kbytes
Page   78 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch

CPS-1616 Datasheet (HTML) - Renesas Technology Corp


CPS-1616 Product details

Features
• RapidIO ports
— 16 bidirectional S-RIO lanes
— Port widths of 1x, 2x, and 4x allow up to 20 Gbps per port
— Port speeds selectable: 6.25, 5, 3.125, 2.5, or 1.25 Gbaud
— Support Level I defined short or long haul reach, and Level II
defined short-, medium-, or long-run reach for each PHY speed
— Error Management Extensions support
— Software-assisted error recovery, supporting hot swap
• I2C Interfaces
— Provides I2C port for maintenance and error reporting
— Master or Slave operation
— Master allows power-on configuration from external ROM
— Master mode configuration with external image compressing and
checksum
• Switch
— 80 Gbps peak throughput
— Non-blocking data flow architecture
— Configurable for Cut-Through or Store-and-Forward data flow
— Very low latency for all packet lengths and load conditions
— Internal queuing buffer and retransmit buffer
— Standard transmitter- or receiver-controlled flow control
— Global routing or Local Port routing capability
— Supports up to 40 simultaneous multicast masks, with broadcast
— Performance monitoring counters for performance and
diagnostics analysis. Per input port and output port counters
• SerDes
— Transmitter pre-emphasis and drive strength + receiver
equalization provides best possible signal integrity
— Embedded PRBS generation and detection with programmable
polynomials support Bit Error Rate testing
• Additional Information
— Packet Trace/Mirror. Each input port can copy all incoming
packets matching user-defined criteria to a “trace” output port.
— Packet Filter. Each input port can filter (drop) all incoming packets
matching user-defined criteria.
— Device configurable through any of S-RIO ports, I2C, or JTAG
— Full JTAG Boundary Scan Support (IEEE1149.1 and 1149.6)
— Lidded/Lidless 784-FCBGA Package: 21 21 mm, 1.0 mm ball
pitch




Similar Part No. - CPS-1616

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
CPS-1616 IDT-CPS-1616 Datasheet
107Kb / 1P
IDT Serial RapidIO Switch Feature ComparisonChart
CPS-1616 IDT-CPS-1616 Datasheet
1,021Kb / 77P
16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
More results


Similar Description - CPS-1616

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES16T4G2 IDT-89HPES16T4G2 Datasheet
570Kb / 32P
16-Lane 4-Port Gen2 PCI Express Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8616 AVAGO-PEX8616 Datasheet
215Kb / 4P
PCIe Gen2, 5.0GT/s 16-lane, 4-port Switch
logo
Integrated Device Techn...
CPS-1432 IDT-CPS-1432 Datasheet
981Kb / 79P
14-Port, 32-Lane, 160Gbps, Gen2 RapidIO Switch
CPS-1616 IDT-CPS-1616 Datasheet
1,021Kb / 77P
16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
CPS-1848 IDT-CPS-1848_17 Datasheet
1Mb / 86P
18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch
logo
Renesas Technology Corp
89HPES16NT16G2 RENESAS-89HPES16NT16G2 Datasheet
435Kb / 34P
16-Lane 16-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES16T4AG2 RENESAS-89HPES16T4AG2 Datasheet
500Kb / 33P
16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
89HPES16T4G2 RENESAS-89HPES16T4G2 Datasheet
807Kb / 33P
16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
CPS-1432 RENESAS-CPS-1432 Datasheet
1Mb / 80P
14-Port, 32-Lane, 160Gbps, Gen2 RapidIO Switch
June 26, 2017
CPS-1848 RENESAS-CPS-1848 Datasheet
1Mb / 85P
18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch
March 15, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com