Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPS-1848 Datasheet (PDF) - Renesas Technology Corp

CPS-1848 Datasheet PDF - Renesas Technology Corp
Part # CPS-1848
Download  CPS-1848 Download
File Size   1586.18 Kbytes
Page   85 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch

CPS-1848 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPS-1848 Datasheet PDF - Renesas Technology Corp

Part # CPS-1848
Download  CPS-1848 Click to download

File Size   1586.18 Kbytes
Page   85 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch

CPS-1848 Datasheet (HTML) - Renesas Technology Corp


CPS-1848 Product details

Features
• RapidIO ports
— 48 bidirectional S-RIO lanes
— Port widths of 1x, 2x, and 4x allow up to 20 Gbps per port
— Port speeds selectable: 6.25, 5, 3.125, 2.5, or 1.25 Gbaud
— Support Level I defined short or long haul reach, and Level II
defined short-, medium-, or long-run reach for each PHY speed
— Error Management Extensions support
— Software-assisted error recovery, supporting hot swap
• I2C Interfaces
— Provides I2C port for maintenance and error reporting
— Master or Slave operation
— Master allows power-on configuration from external ROM
— Master mode configuration with external image compressing and
checksum
• Switch
— 240 Gbps peak throughput
— Non-blocking data flow architecture
— Configurable for Cut-Through or Store-and-Forward data flow
— Very low latency for all packet lengths and load conditions
— Internal queuing buffer and retransmit buffer
— Standard transmitter- or receiver-controlled flow control
— Global routing or Local Port routing capability
— Supports up to 40 simultaneous multicast masks, with broadcast
— Performance monitoring counters for performance and
diagnostics analysis. Per input port and output port counters




Similar Part No. - CPS-1848

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
CPS-1848 IDT-CPS-1848 Datasheet
107Kb / 1P
IDT Serial RapidIO Switch Feature ComparisonChart
CPS-1848 IDT-CPS-1848_17 Datasheet
1Mb / 86P
18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch
More results


Similar Description - CPS-1848

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8648 PLX-PEX8648 Datasheet
230Kb / 4P
PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8648 AVAGO-PEX8648 Datasheet
254Kb / 4P
PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
logo
Integrated Device Techn...
CPS-1432 IDT-CPS-1432 Datasheet
981Kb / 79P
14-Port, 32-Lane, 160Gbps, Gen2 RapidIO Switch
CPS-1616 IDT-CPS-1616 Datasheet
1,021Kb / 77P
16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
CPS-1848 IDT-CPS-1848_17 Datasheet
1Mb / 86P
18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch
logo
Renesas Technology Corp
89HPES48H12G2 RENESAS-89HPES48H12G2 Datasheet
551Kb / 45P
48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES48H12AG2 RENESAS-89HPES48H12AG2 Datasheet
656Kb / 60P
48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 12, 2013
CPS-1432 RENESAS-CPS-1432 Datasheet
1Mb / 80P
14-Port, 32-Lane, 160Gbps, Gen2 RapidIO Switch
June 26, 2017
CPS-1616 RENESAS-CPS-1616 Datasheet
1Mb / 78P
16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
June 26, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com