Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2-71083-LR Datasheet (PDF) - Renesas Technology Corp

D2-71083-LR Datasheet PDF - Renesas Technology Corp
Part # D2-71083-LR
Download  D2-71083-LR Download
File Size   1299.95 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Intelligent Digital Amplifier and Sound Processor

D2-71083-LR Datasheet (PDF)

Go To PDF Page Download Datasheet
D2-71083-LR Datasheet PDF - Renesas Technology Corp

Part # D2-71083-LR
Download  D2-71083-LR Click to download

File Size   1299.95 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Intelligent Digital Amplifier and Sound Processor

D2-71083-LR Datasheet (HTML) - Renesas Technology Corp


D2-71083-LR Product details

Features
• Advanced D2-6 family digital audio processor IC
- Pin compatible and function/feature compatible with the
D2 Audio DSP D2-3 family device
• Total System on Chip (SoC)
- All digital Class-D amplifier controller
- Full 5.1/7.1/9.1-channel amplifier platform support
• Enhanced audio processing decoders
- Dolby® Digital/AC3
- Dolby® Pro Logic IIx
- AACLC™
- DTS® Digital Surround
- Dolby® Digital Plus
• D2 Audio DSP sound enhancement algorithm and
virtualization
• Expanded on-chip memory capacity
• Integrated DSP processing
- 12 channels of Digital Signal Processing (DSP) including
equalizers, filters, mixers and other common audio
processing blocks
- Fully configurable and routable audio signal paths
• Flexible audio input and output configurations
• Embedded 8-channel sample rate converter
- Sample rates from 32kHz up to 192kHz
• Real-time amplifier control and monitoring
- Supports bridged, half-bridged, and Bridge-Tied Load
(BTL) topologies, using discrete or integrated power
stages from 10W to over 500W
- Complete fault protection with automatic recovery




Similar Part No. - D2-71083-LR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-71083-LR INTERSIL-D2-71083-LR Datasheet
713Kb / 33P
Intelligent Digital Amplifier and Sound Processor
September 29, 2011
D2-71083-LR INTERSIL-D2-71083-LR Datasheet
767Kb / 32P
Powered Speaker Systems
More results


Similar Description - D2-71083-LR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPL4519 ETC-DPL4519 Datasheet
1Mb / 64P
Sound Processor for Digital and Analog Surround Systems
logo
Intersil Corporation
D2-45057 INTERSIL-D2-45057_10 Datasheet
417Kb / 31P
Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
D2-41051-QR INTERSIL-D2-41051-QR Datasheet
84Kb / 2P
Intelligent Digital Amplifier PWM Controller and Audio Processor
D2-92683-QR INTERSIL-D2-92683-QR Datasheet
105Kb / 3P
Intelligent Digital Amplifier and Sound Processor
D2-71083-LR INTERSIL-D2-71083-LR Datasheet
713Kb / 33P
Intelligent Digital Amplifier and Sound Processor
September 29, 2011
D2-92633-LR INTERSIL-D2-92633-LR Datasheet
888Kb / 38P
Intelligent Digital Amplifier and Sound Processor
July 12, 2012
D2-45057-QR INTERSIL-D2-45057-QR Datasheet
415Kb / 31P
Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
logo
Renesas Technology Corp
D2-41051 RENESAS-D2-41051 Datasheet
800Kb / 21P
Intelligent Digital Amplifier PWM Controller and Audio Processor
D2-45057 RENESAS-D2-45057 Datasheet
1Mb / 30P
Intelligent Digital Amplifier PWM Controller and Audio Processor
D2-92633-LR RENESAS-D2-92633-LR Datasheet
1Mb / 40P
Intelligent Digital Amplifier and Sound Processor
Oct 24, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com