Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2-71083-LR Datasheet (PDF) - Intersil Corporation

D2-71083-LR Datasheet PDF - Intersil Corporation
Part # D2-71083-LR
Download  D2-71083-LR Download
File Size   713.32 Kbytes
Page   33 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Intelligent Digital Amplifier and Sound Processor

D2-71083-LR Datasheet (PDF)

Go To PDF Page Download Datasheet
D2-71083-LR Datasheet PDF - Intersil Corporation

Part # D2-71083-LR
Download  D2-71083-LR Click to download

File Size   713.32 Kbytes
Page   33 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Intelligent Digital Amplifier and Sound Processor

D2-71083-LR Datasheet (HTML) - Intersil Corporation


D2-71083-LR Product details

The D2-7xx83 family of the DAE-6™ Digital Audio Engine™
devices are complete System-on Chip (SoC) audio processor
and Class-D amplifier controllers. Integrated DSP processing
and configurable audio processing algorithms provide an
extremely flexible platform for feature rich and cost-effective
quality audio solutions which benefit from the addition of
Class-D amplifiers and DSP audio processing, meeting
demands of consumer electronics applications.
The 12 integrated digital PWM controllers can be used in a
variety of multi-channel audio system configurations,
supporting powered as well as line outputs. Fully protected
amplifier control provides efficient and clean Class-D power
output support.
The DAE-6™ device family supports full audio decoding for
formats including Dolby® Digital, Dolby® Pro Logic IIx,
AAC™ LC, DTS® Digital Surround, DTS® ES, and DTS Neo:6®.
The DAE-6 is pin-compatible and function/feature compatible
with the DAE-3™ devices, enabling additional decoding
capability to existing designs, or providing cost optimization to
lower-featured systems not requiring the additional audio
processing and decode capability

Features
• Advanced DAE-6™ Digital Audio Engine™ IC
- Pin Compatible and Function/Feature Compatible with
the D2Audio® DAE-3™ Device
• Total System on Chip (SoC)
- All Digital Class-D Amplifier Controller
- Full 5.1/7.1/9.1-Channel Amplifier Platform Support
• Enhanced Audio Processing Decoders
- Dolby® Digital/AC3
- Dolby® Pro Logic IIx
- AAC LC™
- DTS® Digital Surround
- DTS® ES
- DTS Neo:6®
• D2Audio® SoundSuite™ Enhancement and Virtualization
• Mark Levinson MightyCat™ Audio Enhancement
• Expanded On-Chip Memory Capacity
• Integrated DSP Processing
- 12 Channels of Digital Signal Processing (DSP) including
Equalizers, Filters, Mixers and Other Common Audio
Processing Blocks
- Fully Configurable and Routable Audio Signal Paths
• Flexible Audio Input and Output Configurations
• Embedded 8-Channel Sample Rate Converter
- Sample Rates from 32kHz up to 192kHz
• Real-Time Amplifier Control and Monitoring
- Supports Bridged, Half-Bridged, and Bridge-Tied Load
(BTL) Topologies, Using Discrete or Integrated Power
Stages from 10W to Over 500W
- Complete Fault Protection with Automatic Recovery

Applications
• Audio Video Receiver (AVR)
• DTV Soundbar
• Home Theater in A Box (HTiB)
• Multi-Channel Multi-Media (MM) Systems
• Multi-Room Distributed Audio (MRDA)
• Powered Speaker Systems
• Automotive Trunk/Amplified Solutions




Similar Part No. - D2-71083-LR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-71083-LR INTERSIL-D2-71083-LR Datasheet
767Kb / 32P
Powered Speaker Systems
logo
Renesas Technology Corp
D2-71083-LR RENESAS-D2-71083-LR Datasheet
1Mb / 33P
Intelligent Digital Amplifier and Sound Processor
Mar. 19, 2019
More results


Similar Description - D2-71083-LR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPL4519 ETC-DPL4519 Datasheet
1Mb / 64P
Sound Processor for Digital and Analog Surround Systems
logo
Intersil Corporation
D2-45057 INTERSIL-D2-45057_10 Datasheet
417Kb / 31P
Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
D2-41051-QR INTERSIL-D2-41051-QR Datasheet
84Kb / 2P
Intelligent Digital Amplifier PWM Controller and Audio Processor
D2-92683-QR INTERSIL-D2-92683-QR Datasheet
105Kb / 3P
Intelligent Digital Amplifier and Sound Processor
D2-92633-LR INTERSIL-D2-92633-LR Datasheet
888Kb / 38P
Intelligent Digital Amplifier and Sound Processor
July 12, 2012
D2-45057-QR INTERSIL-D2-45057-QR Datasheet
415Kb / 31P
Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
logo
Renesas Technology Corp
D2-41051 RENESAS-D2-41051 Datasheet
800Kb / 21P
Intelligent Digital Amplifier PWM Controller and Audio Processor
D2-45057 RENESAS-D2-45057 Datasheet
1Mb / 30P
Intelligent Digital Amplifier PWM Controller and Audio Processor
D2-71083-LR RENESAS-D2-71083-LR Datasheet
1Mb / 33P
Intelligent Digital Amplifier and Sound Processor
Mar. 19, 2019
D2-92633-LR RENESAS-D2-92633-LR Datasheet
1Mb / 40P
Intelligent Digital Amplifier and Sound Processor
Oct 24, 2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com