Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA1470X Datasheet (PDF) - Renesas Technology Corp

DA1470X Datasheet PDF - Renesas Technology Corp
Part # DA1470X
Download  DA1470X Download
File Size   9575.75 Kbytes
Page   1020 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multi-Сore Wireless SoC Family with PMU and GPU

DA1470X Datasheet (PDF)

Go To PDF Page Download Datasheet
DA1470X Datasheet PDF - Renesas Technology Corp

Part # DA1470X
Download  DA1470X Click to download

File Size   9575.75 Kbytes
Page   1020 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multi-Сore Wireless SoC Family with PMU and GPU

DA1470X Datasheet (HTML) - Renesas Technology Corp


DA1470X Product details

Key Features
■ Compatible with Bluetooth® 5.2, ETSI EN
300 328 and EN 300 440 Class 2 (Europe),
FCC CFR47 Part 15 (US) and ARIB STDT66
(Japan)
■ Flexible processing power
□ 32 kHz up to 160 MHz 32-bit Arm
Cortex-M33 with 8 kB, four-way
associative cache, FPU and eightsegments
MPU
□ A flexible and configurable Bluetooth®
Low Energy MAC engine implementing
the controller stack up to HCI
□ An Arm Cortex M0+ based sensor node
controller for sensors manipulation
□ A 2D GPU for advanced graphics
processing
□ Optimized power modes (Extended
sleep, Deep sleep, and Hibernation)
■ Memories
□ 1.5 MB Data SRAM with retention
□ 4 kB One-Time-Programmable (OTP)
memory for secure key storage
□ 8 kB ICache SRAM with retention
□ 8 kB DCache 10-Nov-2022SRAM with retention
□ 32 kB ROM (boot, PKI routines)
■ Power management
□ Low Iq SIMO Buck DC-DC converter
□ Boost DC-DC converter (4.5 V – 5.0 V)
□ Four power supply pins for external
devices DCDC supported
□ Hardware charger (up to 5.0 V) with
programmable curves and JEITA
support
□ Integrated Power Path Management




Similar Part No. - DA1470X

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DA1476S TOKO-DA1476S Datasheet
48Kb / 1P
Fixed Inductors for Digital Audio Amplifier
More results


Similar Description - DA1470X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32BG22 SILABS-EFR32BG22 Datasheet
1Mb / 101P
EFR32BG22 Wireless Gecko SoC Family
EFR32BG21B SILABS-EFR32BG21B Datasheet
1Mb / 83P
EFR32BG21B Gecko Wireless SoC Family
Rev. 1.0
EFR32BG24 SILABS-EFR32BG24 Datasheet
2Mb / 128P
EFR32BG24 Wireless SoC Family
Rev. 1.0
EFR32FG22 SILABS-EFR32FG22 Datasheet
1Mb / 89P
EFR32FG22 Wireless Gecko SoC Family
Rev. 1.2
EFR32FG23 SILABS-EFR32FG23 Datasheet
2Mb / 144P
EFR32FG23 Wireless SoC Family
Rev. 1.1
EFR32FG25 SILABS-EFR32FG25 Datasheet
2Mb / 167P
EFR32FG25 Gecko Wireless SoC Family
Rev. 1.0
EFR32MG14 SILABS-EFR32MG14 Datasheet
3Mb / 173P
EFR32MG14 Mighty Gecko Multi-Protocol Wireless SoC Family
Rev. 1.5
EFR32MG24 SILABS-EFR32MG24 Datasheet
2Mb / 131P
EFR32MG24 Wireless SoC Family
Rev. 1.0
EFR32ZG23 SILABS-EFR32ZG23 Datasheet
2Mb / 129P
EFR32ZG23 Wireless SoC Family
Rev. 1.1
logo
Renesas Technology Corp
DA1469X RENESAS-DA1469X Datasheet
8Mb / 757P
Multi-Core Bluetooth® 5.2 SoC Family with System PMU
22-Apr-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com