Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA1469X Datasheet (PDF) - Renesas Technology Corp

DA1469X Datasheet PDF - Renesas Technology Corp
Part # DA1469X
Download  DA1469X Download
File Size   9097.59 Kbytes
Page   757 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multi-Core Bluetooth® 5.2 SoC Family with System PMU

DA1469X Datasheet (PDF)

Go To PDF Page Download Datasheet
DA1469X Datasheet PDF - Renesas Technology Corp

Part # DA1469X
Download  DA1469X Click to download

File Size   9097.59 Kbytes
Page   757 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multi-Core Bluetooth® 5.2 SoC Family with System PMU

DA1469X Datasheet (HTML) - Renesas Technology Corp


DA1469X Product details

Key Features
■ Compatible with Bluetooth® 5.2, ETSI EN
300 328 and EN 300 440 Class 2 (Europe),
FCC CFR47 Part 15 (US) and ARIB STDT66
(Japan)
■ Flexible processing power
□ 32 kHz up to 96 MHz 32-bit Arm Cortex-
M33 with 16 kB, 4-way associative
cache and FPU
□ A flexible and configurable Bluetooth®
LE MAC engine implementing the
controller stack up to HCI
□ A sensor node controller running uCode
for sensors manipulation
□ A uCode based motor controller for
manipulating analog gear boxes for
hands on watches
□ Optimized power modes (Extended
sleep, Deep sleep, and Hibernation)
■ Memories
□ 512 kB Data SRAM with retention
capabilities
□ 4 kB One-Time-Programmable (OTP)
memory
□ 16 kB Cache SRAM with retention
capabilities




Similar Part No. - DA1469X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA14695MOD RENESAS-DA14695MOD Datasheet
1Mb / 49P
SmartBond Bluetooth® LE 5.2 Module
Apr 25, 2024
DA14695MOD-00F32002 RENESAS-DA14695MOD-00F32002 Datasheet
1Mb / 49P
SmartBond Bluetooth® LE 5.2 Module
Apr 25, 2024
DA14695MOD-00F3200C RENESAS-DA14695MOD-00F3200C Datasheet
1Mb / 49P
SmartBond Bluetooth® LE 5.2 Module
Apr 25, 2024
More results


Similar Description - DA1469X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
RSL10 ONSEMI-RSL10 Datasheet
158Kb / 19P
Bluetooth 5 Radio System-on-Chip (SoC)
May, 2018 ??Rev. 3
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
logo
Infineon Technologies A...
CYW20819 INFINEON-CYW20819 Datasheet
508Kb / 52P
AIROC™ Bluetooth® & Bluetooth® LE system-on-chip Ultra low power, Bluetooth® 5.2
Rev. G 2022-07-13
CYW20820 INFINEON-CYW20820 Datasheet
631Kb / 59P
AIROC™ Bluetooth® and Bluetooth® LE system on chip
Rev. G 2022-09-26
logo
Nordic Semiconductor
NRF5340-DK NORDIC-NRF5340-DK Datasheet
973Kb / 2P
Development kit for the nRF5340, a dual-core Bluetooth 5.2 SoC supporting Bluetooth Low Energy, Bluetooth mesh, NFC, Thread and Zigbee
Version 1.0
logo
List of Unclassifed Man...
NORA-B1 ETC-NORA-B1 Datasheet
1Mb / 46P
Stand-alone dual-core Bluetooth® 5.2 Low Energy and IEEE 802.15.4 module
logo
Silicon Laboratories
EFR32BG14 SILABS-EFR32BG14 Datasheet
2Mb / 159P
EFR32BG14 Blue Gecko Bluetooth® Low Energy SoC Family
Rev. 1.2
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
logo
NXP Semiconductors
IW416 NXP-IW416_V01 Datasheet
1Mb / 117P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.2 Combo SoC
Rev. 6 - 3 March 2023
logo
Renesas Technology Corp
DA1470X RENESAS-DA1470X Datasheet
9Mb / 1020P
Multi-Сore Wireless SoC Family with PMU and GPU
10-Nov-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com