Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1403D160 Datasheet (PDF) - Renesas Technology Corp

DAC1403D160 Datasheet PDF - Renesas Technology Corp
Part # DAC1403D160
Download  DAC1403D160 Download
File Size   442.73 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 14 bits DAC, up to 160 MHz, 2 x interpolating

DAC1403D160 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC1403D160 Datasheet PDF - Renesas Technology Corp

Part # DAC1403D160
Download  DAC1403D160 Click to download

File Size   442.73 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 14 bits DAC, up to 160 MHz, 2 x interpolating

DAC1403D160 Datasheet (HTML) - Renesas Technology Corp


DAC1403D160 Product details

Dual 14-bit resolution
Spurious-Free Dynamic Range (SFDR) = 80 dBc at 2.5 MHz
Input data rate up to 80 MHz
2 x interpolation filter
Output data rate up to 160 MHz
Single 3.3 V power supply
Low noise capacitor-free integrated Phase-Locked Loup (PLL)
Low power dissipation
HTQFP80 package
Ambient temperature from 40 C to +85 C




Similar Part No. - DAC1403D160

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Integrated Device Techn...
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
NXP Semiconductors
DAC1403D160HW NXP-DAC1403D160HW Datasheet
120Kb / 19P
Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Integrated Device Techn...
DAC1403D160HW IDT-DAC1403D160HW Datasheet
439Kb / 18P
Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
More results


Similar Description - DAC1403D160

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9935 NXP-TDA9935 Datasheet
109Kb / 18P
Dual 14-bit, up to 160 Msample/s, 2 쨈 interpolating Digital-to-Analog Converter (DAC)
Rev. 04-17 September 2007
DAC1003D160 NXP-DAC1003D160 Datasheet
120Kb / 19P
Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Integrated Device Techn...
DAC1003D160 IDT-DAC1003D160 Datasheet
433Kb / 18P
Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
DAC1203D160 IDT-DAC1203D160 Datasheet
434Kb / 18P
Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com