Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9935 Datasheet (PDF) - NXP Semiconductors

TDA9935 Datasheet PDF - NXP Semiconductors
Part # TDA9935
Download  TDA9935 Download
File Size   109.25 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual 14-bit, up to 160 Msample/s, 2 쨈 interpolating Digital-to-Analog Converter (DAC)

TDA9935 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA9935 Datasheet PDF - NXP Semiconductors

Part # TDA9935
Download  TDA9935 Click to download

File Size   109.25 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual 14-bit, up to 160 Msample/s, 2 쨈 interpolating Digital-to-Analog Converter (DAC)

TDA9935 Datasheet (HTML) - NXP Semiconductors


TDA9935 Product details

General description
The TDA9935 is optimized to reduce architecture complexity and overall system cost. Thanks to its direct IF conversion capabilities, it leads dynamic performance in multi-carrier support. With an internal sampling rate up to 160 Msample/s, TDA9935 is an extremely competitive solution for WCDMA, CDMA2000 and GSM/EDGE transmitters, as well as high data rate radio services like WLL, LMDS and BWA.

Features
■ Dual 14-bit resolution
■ SFDR = 80 dBc at 2.5 MHz
■ Input data rate up to 80 Msample/s
■ 2 × interpolation filter
■ Output data rate up to 160 Msample/s
■ Single 3.3 V power supply
■ Low noise capacitor-free integrated PLL
■ Low power dissipation
■ HTQFP80 package
■ Ambient temperature from −40 °C to +85 °C

Applications
■ Broadband wireless systems
■ Digital radio links
■ Cellular base stations
■ Instrumentation




Similar Part No. - TDA9935

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
Wideband differential digital controlled variable gain amplifier
1999 Oct 08
TDA9901 NXP-TDA9901 Datasheet
102Kb / 18P
Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
TDA9901TS PHILIPS-TDA9901TS Datasheet
90Kb / 20P
Wideband differential digital controlled variable gain amplifier
1999 Oct 08
TDA9901TS NXP-TDA9901TS Datasheet
102Kb / 18P
Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
TDA9910 PHILIPS-TDA9910 Datasheet
138Kb / 21P
12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC) direct/ultra high IF sampling
Rev. 02-9 December 2004
More results


Similar Description - TDA9935

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Texas Instruments
DAC5687-EP TI1-DAC5687-EP Datasheet
2Mb / 75P
16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
Integrated Device Techn...
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
Texas Instruments
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
Analog Devices
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC5687 TI-DAC5687_15 Datasheet
2Mb / 80P
16-BIT, 500 MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI-DAC5687-EP_15 Datasheet
2Mb / 76P
16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com