Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6681ATR Datasheet (PDF) - STMicroelectronics

PM6681ATR Datasheet PDF - STMicroelectronics
Part # PM6681ATR
Download  PM6681ATR Download
File Size   474.53 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual step-down controller with adjustable LDO

PM6681ATR Datasheet (PDF)

Go To PDF Page Download Datasheet
PM6681ATR Datasheet PDF - STMicroelectronics

Part # PM6681ATR
Download  PM6681ATR Click to download

File Size   474.53 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual step-down controller with adjustable LDO

PM6681ATR Datasheet (HTML) - STMicroelectronics


PM6681ATR Product details

Description
PM6681A is a dual step-down controller specifically designed to provide extremely high efficiency conversion, with lossless current sensing technique. The constant on-time architecture assures fast load transient response and the embedded voltage feed-forward provides nearly constant switching frequency operation. An embedded integrator control loop compensates the DC voltage error due to the output ripple. Pulse skipping technique increases efficiency at very light load. Moreover a minimum switching frequency of 33 kHz is selectable to avoid audio noise issues. The PM6681A provides a selectable switching frequency, allowing three different values of switching frequencies for the two switching sections. The output voltages OUT1 and OUT2 can be adjusted from 0.9 V to 5 V and from 0.9 V to 3.3 V respectively. The device provides also 2 LDOs, 5 V fixed and 0.9 V - 3.3 V adjustable.

Features
■ 6 V to 36 V input voltage range
■ Adjustable output voltages
■ 0.9 - 3.3 V LDO adjustable delivers 100 mA peak current
■ 5 V LDO delivers 100 mA peak current
■ 1.237 V ±1 % reference voltage available
■ No RSENSE current sensing using low side MOSFETs RDS(on)
■ Negative current limit
■ Soft-start internally fixed at 2 ms
■ Soft output discharge
■ Latched UVP
■ Not-latched OVP
■ Selectable pulse skipping at light loads
■ Selectable minimum frequency (33 kHz) in pulse skip mode
■ 5 mW maximum quiescent power
■ Independent Power Good signals
■ Output voltage ripple compensation

Applications
■ Embedded computer system
■ FPGA system power
■ Industrial applications on 24 V
■ High performance and high density DC-DC modules
■ Notebook computer




Similar Part No. - PM6681ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6681ATR STMICROELECTRONICS-PM6681ATR Datasheet
2Mb / 47P
Dual synchronous step-down controller with adjustable LDO
26-Jun-2008
More results


Similar Description - PM6681ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
Adjustable step-down controller with synchronous rectification
26-Jun-2006
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
Adjustable step-down controller with synchronous rectification
07-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
PM6680A STMICROELECTRONICS-PM6680A Datasheet
1Mb / 48P
Dual synchronous step-down controller with adjustable output voltages plus LDO
17-Dec-2007
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
Adjustable step-down controller with synchronous rectification
25-Sep-2006
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
Dual synchronous step-down controller with adjustable LDO
26-Jun-2008
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
07-Dec-2009
PM6686TR STMICROELECTRONICS-PM6686TR Datasheet
1Mb / 50P
Dual step-down controller with adjustable voltages, adjustable LDO and auxiliary charge pump controller for notebook
23-Jul-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com