Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1422845 Datasheet (PDF) - PHOENIX CONTACT

1422845 Datasheet PDF - PHOENIX CONTACT
Part # 1422845
Download  1422845 Download
File Size   495.93 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MRX-8CT-CL SH - Data connector

1422845 Datasheet (PDF)

Go To PDF Page Download Datasheet
1422845 Datasheet PDF - PHOENIX CONTACT

Part # 1422845
Download  1422845 Click to download

File Size   495.93 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MRX-8CT-CL SH - Data connector

1422845 Datasheet (HTML) - PHOENIX CONTACT


1422845 Product details

Data connector, Ethernet CAT6A (10 Gbps), PROFINET CAT6A (10 Gbps), 8-position, shielded,
Plug angled M12, X, Crimp connection, knurl material: Zinc die-cast, tin-plated, external cable
diameter 6.5 mm ... 10 mm, without crimp contacts

Your advantages
• Extremely compact, thanks to the small wiring space and high contact density
• Safe use in the field, thanks to a high degree of protection
• Safely shielded: reliable shield connection even under extreme mechanical strain
• Robust connection: suitable for railway applications with high shock and vibration loads




Similar Part No. - 1422845

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1422844 PHOENIX-1422844 Datasheet
158Kb / 8P
Data connector - SACC-M12MSX-8CT-CL SH
09/12/2020
1422846 PHOENIX-1422846 Datasheet
94Kb / 4P
Extremely compact, thanks to the small wiring space and high contact density
1422848 PHOENIX-1422848 Datasheet
535Kb / 17P
SACC-M12FSD-4CT-CM SH PN - Data connector
1422849 PHOENIX-1422849 Datasheet
97Kb / 4P
Extremely compact, thanks to the small wiring space and high contact density
More results


Similar Description - 1422845

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1021783 PHOENIX-1021783 Datasheet
107Kb / 4P
Connector - SACC-P12MSX-8CT-CL SH
1021784 PHOENIX-1021784 Datasheet
109Kb / 4P
Connector - SACC-P12MRX-8CT-CL SH
1422844 PHOENIX-1422844 Datasheet
158Kb / 8P
Data connector - SACC-M12MSX-8CT-CL SH
09/12/2020
1080235 PHOENIX-1080235 Datasheet
597Kb / 13P
SACC-M12MSL-4FEPL-CL SH - Power connector
1027478 PHOENIX-1027478 Datasheet
452Kb / 12P
SACC-M12FSL-4FECT-CL SH - Power connector
1323169 PHOENIX-1323169 Datasheet
198Kb / 4P
SACC-M8MSD-4PL-CL SH PN - Data connector
1328199 PHOENIX-1328199 Datasheet
198Kb / 4P
SACC-M8FSD-4PL-CL SH PN - Data connector
1027476 PHOENIX-1027476 Datasheet
464Kb / 12P
SACC-M12FSK-4PECT-CL SH - Power connector
1027477 PHOENIX-1027477 Datasheet
455Kb / 12P
SACC-M12MSL-4FECT-CL SH - Power connector
1080228 PHOENIX-1080228 Datasheet
618Kb / 14P
SACC-M12FSK-4PEPL-CL SH - Power connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com