Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4420 Datasheet (PDF) - Maxim Integrated Products

DS4420 Datasheet PDF - Maxim Integrated Products
Part # DS4420
Download  DS4420 Download
File Size   147.17 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description I2C Programmable-Gain Amplifier for Audio Applications

DS4420 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS4420 Datasheet PDF - Maxim Integrated Products

Part # DS4420
Download  DS4420 Click to download

File Size   147.17 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description I2C Programmable-Gain Amplifier for Audio Applications

DS4420 Datasheet (HTML) - Maxim Integrated Products


DS4420 Product details

General Description

The DS4420 is a fully differential, programmable-gain amplifier for audio applications. It features a -35dB to +25dB gain range controlled by an I2C interface and it is optimized to drive loads as low as 50Ω. The gain is adjustable in 3dB increments across the entire range. Three address inputs, used to select the I2C slave address, enable up to eight devices on a common bus.

The product operates from a single 5V supply over a -20°C to +70°C temperature range. It is offered in a 3mm x 3mm TDFN package.



Features

♦ Differential Inputs and Outputs

♦ -35dB to +25dB Adjustable Gain

♦ Low Output Noise

♦ Low-Distortion Driving into a 50Ω Load

♦ 3dB Gain Steps Programmed through I2C Interface

♦ 5V Single Supply

♦ 20kHz Bandwidth for All Gain Settings

♦ Small 3mm x 3mm x 0.8mm TDFN Package

♦ Up to Eight DS4420s can be Placed on the Same I2C Bus



Applications

  Telephone Headsets

  Audio Volume Control

  Microphone Gain Control



 




Similar Part No. - DS4420

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4422 MAXIM-DS4422 Datasheet
222Kb / 10P
Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 3/08
DS4422 MAXIM-DS4422 Datasheet
215Kb / 11P
Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 1; 7/09
DS4422 MAXIM-DS4422 Datasheet
536Kb / 10P
Fully Assembled and Tested
Rev 0; 2/14
DS4422N+ MAXIM-DS4422N+ Datasheet
222Kb / 10P
Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 3/08
DS4422N+ MAXIM-DS4422N+ Datasheet
215Kb / 11P
Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 1; 7/09
More results


Similar Description - DS4420

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2710 TOSHIBA-2SC2710 Datasheet
135Kb / 2P
TRANSISTOR (FOR AUDIO AMPLIFIER APPLICATIONS)
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
Programmable Gain AMPLIFIER
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100 Datasheet
1Mb / 30P
Programmable Gain Amplifier
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
Programmable Gain Amplifier
07/2008
logo
Toshiba Semiconductor
2SC2710 TOSHIBA-2SC2710_03 Datasheet
116Kb / 3P
For Audio Amplifier Applications
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
Programmable Gain Amplifier
rev 2.1
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
Programmable Gain AMPLIFIER
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
Programmable Gain Amplifier
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com