Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1882 Datasheet (PDF) - Maxim Integrated Products

DS1882 Datasheet PDF - Maxim Integrated Products
Part # DS1882
Download  DS1882 Download
File Size   237.58 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Log Audio Digital Potentiometer

DS1882 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1882 Datasheet PDF - Maxim Integrated Products

Part # DS1882
Download  DS1882 Click to download

File Size   237.58 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Log Audio Digital Potentiometer

DS1882 Datasheet (HTML) - Maxim Integrated Products


DS1882 Product details

General Description
The DS1882 is a dual, nonvolatile (NV) digital potentiometer designed to operate in audio systems that accomodate up to ±7V signal levels. The potentiometer settings can be stored in EEPROM so that they are retained when the power is cycled. The DS1882 has separate supplies for the potentiometers (VCC) and the communication circuitry (VDD). For clickless/popless operation, a zero-crossing detector allows the wiper position to change when there is no voltage across the potentiometer.

Features
♦ Dual, Audio Log Taper Potentiometers
♦ Low THD+N and Crosstalk
♦ ±7V Analog Supply (Independent of Digital Supply)
♦ 5V Digital Supply
♦ Potentiometer Settings Configurable as Nonvolatile or Volatile
♦ Zero-Crossing Detector Eliminates Switching Noise
♦ Two User-Configurable Attenuation Options
♦ Configuration Option 1: 63 Positions Provide 1dB Attenuation Steps from 0dB to -62dB Plus Mute
♦ Configuration Option 2: (Software-Compatible with the DS1808): 33 Positions Plus Mute as Follows
    Positions 0–12: 1dB per Step for 12 Steps
    Positions 13–24: 2dB per Step for 12 Steps
    Positions 25–32: 3dB per Step for 8 Steps
♦ I2C*-Compatible Serial Interface
♦ Three Address Pins Allow Up to 8 Devices on I2C Bus
♦ 45kΩ Potentiometer End-to-End Resistance
♦ Industrial Temperature Range (-40°C to +85°C)
♦ 16-Pin TSSOP or SO Package

Applications
    Notebook and PC Audio
    Portable Audio Equipment
    Car Stereo
    Consumer Audio/Video




Similar Part No. - DS1882

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS1881E-045 MAXIM-DS1881E-045 Datasheet
222Kb / 16P
Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS1881E-045R MAXIM-DS1881E-045R Datasheet
222Kb / 16P
Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS1881E-045T MAXIM-DS1881E-045T Datasheet
222Kb / 16P
Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS1881Z-045 MAXIM-DS1881Z-045 Datasheet
222Kb / 16P
Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
More results


Similar Description - DS1882

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1866 DALLAS-DS1866 Datasheet
77Kb / 5P
Log Trimmer Potentiometer
logo
Maxim Integrated Produc...
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
logo
Dallas Semiconductor
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
Dual Log Digital Potentiometer
logo
Maxim Integrated Produc...
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
logo
ON Semiconductor
CAT5116LI ONSEMI-CAT5116LI Datasheet
165Kb / 11P
Log?릘aper, 100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 14
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
Dual Digital Potentiometer
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
Dual Digital Potentiometer
19-6589; Rev 1; 1/14
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
Dual Digital Potentiometer
19-6593; Rev 1; 1/14
DS1866 MAXIM-DS1866 Datasheet
81Kb / 5P
Log Trimmer Potentiometer
102199
logo
Renesas Technology Corp
X9460 RENESAS-X9460 Datasheet
673Kb / 16P
Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)
October 17, 2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com