Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9460 Datasheet (PDF) - Renesas Technology Corp

X9460 Datasheet PDF - Renesas Technology Corp
Part # X9460
Download  X9460 Download
File Size   673.01 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)

X9460 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9460 Datasheet PDF - Renesas Technology Corp

Part # X9460
Download  X9460 Click to download

File Size   673.01 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)

X9460 Datasheet (HTML) - Renesas Technology Corp


X9460 Product details

Features
• Dual Audio Control – Two 32 Taps Log Pots
• Zero Amplitude Wiper Switching
• 2-Wire Serial Interface
4 Slave Byte Addresses for Writes[A1,A0]
• Total Resistance: 33k Each XDCP (Typical)
• Dual Voltage Operation
V+/V- = ±2.7 to ±5.5V
• Temp Range = -40°C to +85°C
• Package Options
14 L d TSSOP
• Zero Amplitude Wiper Switching
• Pb-Free Plus Anneal Available (RoHS Compliant)
Audio Performance
• 0 to - 62dB Volume Control
• -92dB Mute
- Power-Up to Mute Position
• SNR -96dB
• THD+N: -95dB @1kHz
• Crosstalk Rejection: -102dB @ 1kHz
• Channel-to-Channel Variation: ± 0.1dB
• 3dB-Cutoff: 100kHz
Applications
• Set Top Boxes
• Stereo Amplifiers
• DVD Players
• Portable Audio Products




Similar Part No. - X9460

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9460 INTERSIL-X9460 Datasheet
308Kb / 16P
Dual Audio Control Digitally Controlled Potentiometer
October 17, 2005
X9460 INTERSIL-X9460 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
X9460KV14I INTERSIL-X9460KV14I Datasheet
308Kb / 16P
Dual Audio Control Digitally Controlled Potentiometer
October 17, 2005
X9460KV14I-2.7 INTERSIL-X9460KV14I-2.7 Datasheet
308Kb / 16P
Dual Audio Control Digitally Controlled Potentiometer
October 17, 2005
X9460KV14IZ INTERSIL-X9460KV14IZ Datasheet
308Kb / 16P
Dual Audio Control Digitally Controlled Potentiometer
October 17, 2005
More results


Similar Description - X9460

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9460 INTERSIL-X9460 Datasheet
308Kb / 16P
Dual Audio Control Digitally Controlled Potentiometer
October 17, 2005
logo
Maxim Integrated Produc...
DS1882 MAXIM-DS1882 Datasheet
237Kb / 15P
Dual Log Audio Digital Potentiometer
Rev 0; 6/06
logo
Intersil Corporation
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
Dual Digitally Controlled Potentiometer XDCP
March 13, 2008
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
Dual Digitally Controlled Potentiometer (XDCP??
May 31, 2007
ISL23325 INTERSIL-ISL23325 Datasheet
848Kb / 20P
Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 21, 2011
ISL23425 INTERSIL-ISL23425 Datasheet
852Kb / 20P
Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 20, 2011
ISL23325TFVZ INTERSIL-ISL23325TFVZ Datasheet
757Kb / 20P
Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
X9116 RENESAS-X9116 Datasheet
473Kb / 9P
Low Noise, Low Power, Low Cost Digitally Controlled Potentiometer (XDCP??
ISL22313 RENESAS-ISL22313 Datasheet
1Mb / 15P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
ISL22426 RENESAS-ISL22426 Datasheet
1,023Kb / 15P
Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com