Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL22313 Datasheet (PDF) - Renesas Technology Corp

ISL22313 Datasheet PDF - Renesas Technology Corp
Part # ISL22313
Download  ISL22313 Download
File Size   1095.34 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C

ISL22313 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22313 Datasheet PDF - Renesas Technology Corp

Part # ISL22313
Download  ISL22313 Click to download

File Size   1095.34 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C

ISL22313 Datasheet (HTML) - Renesas Technology Corp


ISL22313 Product details

Features
• 256 resistor taps
• I2C serial interface
- Two address pins, up to four devices per bus
• Non-volatile EEPROM storage of wiper position
• 14 General Purpose non-volatile registers
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T+55°C
• Wiper resistance: 70 typical @ 1mA
• Standby current <2.5μA max
• Shutdown current <2.5μA max
• Dual power supply
- VCC = 2.25V to 5.5V
- V- = -2.25V to -5.5V
• DCP terminal voltage from V- to VCC
• 10k 50kor 100k total resistance
• Extended industrial temperature range: -40 to +125°C
• 10 Lead MSOP
• Pb-free plus anneal product (RoHS compliant)




Similar Part No. - ISL22313

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22313 INTERSIL-ISL22313 Datasheet
623Kb / 15P
Single Digitally Controlled Potentiometer XDCP
July 17, 2007
ISL22313 INTERSIL-ISL22313 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
ISL22313 INTERSIL-ISL22313 Datasheet
623Kb / 15P
Single Digitally Controlled Potentiometer (XDCP??
July 17, 2007
ISL22313 INTERSIL-ISL22313 Datasheet
620Kb / 15P
Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
623Kb / 15P
Single Digitally Controlled Potentiometer XDCP
July 17, 2007
More results


Similar Description - ISL22313

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
ISL90810 RENESAS-ISL90810 Datasheet
1Mb / 12P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 RENESAS-ISL95810 Datasheet
1Mb / 13P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
X9015 RENESAS-X9015 Datasheet
573Kb / 12P
Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
X9116 RENESAS-X9116 Datasheet
473Kb / 9P
Low Noise, Low Power, Low Cost Digitally Controlled Potentiometer (XDCP??
X9421 RENESAS-X9421 Datasheet
805Kb / 20P
Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22319 RENESAS-ISL22319 Datasheet
873Kb / 13P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only
September 9, 2009
ISL22343 RENESAS-ISL22343 Datasheet
1Mb / 19P
Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com