Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9015 Datasheet (PDF) - Renesas Technology Corp

X9015 Datasheet PDF - Renesas Technology Corp
Part # X9015
Download  X9015 Download
File Size   573.62 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer

X9015 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9015 Datasheet PDF - Renesas Technology Corp

Part # X9015
Download  X9015 Click to download

File Size   573.62 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer

X9015 Datasheet (HTML) - Renesas Technology Corp


X9015 Product details

Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP™) Potentiometer

The Intersil X9015 is a 32 tap potentiometer that is volatile. The device consists of a string of 31 resistors that can be programmed to connect the RW/VW wiper output with any of the nodes between the connecting resistors. The connection point of the wiper is determined by information communicated to the device on the 3-wire port. The 3-wire port changes the tap position by a falling edge on the increment pin. The direction the wiper moves is determined by the state of the up/down pin. The wiper position at power up is Tap #15.
The X9015 can be used in a wide variety of applications that require a digitally controlled variable resistor to set analog values.

Features
• 32 taps
• Three-wire up/down serial interface
• VCC = 2.7V–5V
• Operating ICC = 50µA max.
• Standby current = 1µA max.
• RTOTAL = 10kΩ, 50kΩ
• Packages 8 Ld SOIC, 8 Ld MSOP
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - X9015

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9015 INTERSIL-X9015 Datasheet
308Kb / 11P
Low Noise, Low Power Volatile
September 15, 2005
X9015 INTERSIL-X9015 Datasheet
244Kb / 11P
Single Digitally Controlled Potentiometer
August 31, 2006
X9015 INTERSIL-X9015 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
X9015 INTERSIL-X9015 Datasheet
306Kb / 12P
Single Digitally Controlled
August 14, 2015
More results


Similar Description - X9015

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL90460 RENESAS-ISL90460 Datasheet
424Kb / 8P
Single Volatile 32-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL90462 RENESAS-ISL90462 Datasheet
418Kb / 8P
Single Volatile 32-tap XDCP Digitally Controlled Potentiometer (XDCP??
ISL90726 RENESAS-ISL90726 Datasheet
441Kb / 8P
Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL90727 RENESAS-ISL90727 Datasheet
436Kb / 8P
Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
X9116 RENESAS-X9116 Datasheet
473Kb / 9P
Low Noise, Low Power, Low Cost Digitally Controlled Potentiometer (XDCP??
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
X9420 RENESAS-X9420 Datasheet
766Kb / 19P
Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
X9421 RENESAS-X9421 Datasheet
805Kb / 20P
Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
ISL22313 RENESAS-ISL22313 Datasheet
1Mb / 15P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com