Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9015 Datasheet (PDF) - Xicor Inc.

X9015 Datasheet PDF - Xicor Inc.
Part # X9015
Download  X9015 Download
File Size   69.18 Kbytes
Page   11 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Digitally-Controlled Potentiometer

X9015 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9015 Datasheet PDF - Xicor Inc.

Part # X9015
Download  X9015 Click to download

File Size   69.18 Kbytes
Page   11 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Digitally-Controlled Potentiometer

X9015 Datasheet (HTML) - Xicor Inc.


X9015 Product details

DESCRIPTION
The Xicor X9015 is a 32 tap potentiometer that is volatile. The device consists of a string of 31 resistors that can be programmed to connect the RW/VW wiper output with any of the nodes between the connecting resistors. The connection point of the wiper is determined by information communicated to the device on the 3-wire port. The 3-wire port changes the tap position by a falling edge on the increment pin. Direction the wiper moves is determined by the state of the Up/Down pin. The wiper position at power up is tap #15.
The X9015 can be used in a wide variety of applications that require a digitally controlled variable resistor to set analog values.

FEATURES
• 32 Taps
• Three-wire Up/Down Serial Interface
• VCC = 2.7V & 5V
• Operating ICC = 50µA Max.
• Standby current = 1µA Max.
• RTOTAL = 50KΩ
• Packages, SOIC-8




Similar Part No. - X9015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9015 INTERSIL-X9015 Datasheet
308Kb / 11P
Low Noise, Low Power Volatile
September 15, 2005
X9015 INTERSIL-X9015 Datasheet
244Kb / 11P
Single Digitally Controlled Potentiometer
August 31, 2006
X9015 INTERSIL-X9015 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9015 RENESAS-X9015 Datasheet
573Kb / 12P
Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9015 INTERSIL-X9015 Datasheet
306Kb / 12P
Single Digitally Controlled
August 14, 2015
More results


Similar Description - X9015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
Digitally Controlled Potentiometer
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
Digitally Controlled Potentiometer
September 16, 2005
X9116 INTERSIL-X9116_06 Datasheet
199Kb / 9P
Digitally Controlled Potentiometer
September 26, 2006
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
Digitally Controlled Potentiometer
September 26, 2006
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
Digitally Controlled Potentiometer
September 5, 2006
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
Digitally Controlled Potentiometer
February 3, 2011
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
Digitally Controlled Potentiometer
September 14, 2005
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
Digitally Controlled Potentiometer
July 31, 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com