Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9015 Datasheet (PDF) - Intersil Corporation

X9015 Datasheet PDF - Intersil Corporation
Part # X9015
Download  X9015 Download
File Size   306.23 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Digitally Controlled

X9015 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9015 Datasheet PDF - Intersil Corporation

Part # X9015
Download  X9015 Click to download

File Size   306.23 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Digitally Controlled

X9015 Datasheet (HTML) - Intersil Corporation


X9015 Product details

The Intersil X9015 is a 32 tap potentiometer that is volatile.
The device consists of a string of 31 resistors that can be
programmed to connect the RW/VW wiper output with any of
the nodes between the connecting resistors. The connection
point of the wiper is determined by information
communicated to the device on the 3-wire port. The 3-wire
port changes the tap position by a falling edge on the
increment pin. The direction the wiper moves is determined by
the state of the up/down pin. The wiper position at power up is
Tap #15.
The X9015 can be used in a wide variety of applications that
require a digitally controlled variable resistor to set analog
values.

Features
• 32 taps
• Three-wire up/down serial interface
• VCC = 2.7V–5V
• Operating ICC = 50µA max.
• Standby current = 1µA max.
• RTOTAL = 10k, 50k
• Packages 8 Ld SOIC, 8 Ld MSOP
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - X9015

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9015 INTERSIL-X9015 Datasheet
308Kb / 11P
Low Noise, Low Power Volatile
September 15, 2005
X9015 INTERSIL-X9015 Datasheet
244Kb / 11P
Single Digitally Controlled Potentiometer
August 31, 2006
X9015 INTERSIL-X9015 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9015 RENESAS-X9015 Datasheet
573Kb / 12P
Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
More results


Similar Description - X9015

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
Single Digitally Controlled Potentiometer
March 8, 2005
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
Single Digitally Controlled Potentiometer
August 31, 2006
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
Single Digitally Controlled Potentiometer
April 26, 2006
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
Single Digitally-Controlled Potentiometer
February 13, 2008
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
Single Digitally-Controlled Potentiometer
April 9, 2014
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
Single Digitally-Controlled Potentiometer
July 9, 2008
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
Single Digitally Controlled Potentiometer
July 24, 2014
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
Single Digitally Controlled Potentiometer
October 13, 2008
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com