Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL22313 Datasheet (PDF) - Intersil Corporation

ISL22313 Datasheet PDF - Intersil Corporation
Part # ISL22313
Download  ISL22313 Download
File Size   623.05 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Digitally Controlled Potentiometer XDCP

ISL22313 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22313 Datasheet PDF - Intersil Corporation

Part # ISL22313
Download  ISL22313 Click to download

File Size   623.05 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Digitally Controlled Potentiometer XDCP

ISL22313 Datasheet (HTML) - Intersil Corporation


ISL22313 Product details

Low Noise, Low Power, I2C® Bus, 256 Taps

The ISL22313 integrates a single digitally controlled potentiometer (DCP), control logic and non-volatile memory on a monolithic CMOS integrated circuit. The digitally controlled potentiometer is implemented with a combination of resistor elements and CMOS switches. The position of the wipers are controlled by the user through the I2C bus interface. The potentiometer has an associated volatile Wiper Register (WR) and a non-volatile Initial Value Register (IVR) that can be directly written to and read by the user. The contents of the WR control the position of the wiper. At power up the device recalls the contents of the DCP’s IVR to the WR.



Features

• 256 resistor taps

• I2C serial interface

- Two address pins, up to four devices per bus

• Non-volatile EEPROM storage of wiper position

• 14 General Purpose non-volatile registers

• High reliability

- Endurance: 1,000,000 data changes per bit per register

- Register data retention: 50 years @ T≤+55°C

• Wiper resistance: 70Ω typical @ 1mA

• Standby current <2.5µA max

• Shutdown current <2.5µA max

• Dual power supply

- VCC = 2.25V to 5.5V

- V- = -2.25V to -5.5V

• DCP terminal voltage from V- to VCC

• 10kΩ, 50kΩ or 100kΩ total resistance

• Extended industrial temperature range: -40 to +125°C

• 10 Lead MSOP

• Pb-free plus anneal product (RoHS compliant)




Similar Part No. - ISL22313

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22313 INTERSIL-ISL22313 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
ISL22313 INTERSIL-ISL22313 Datasheet
623Kb / 15P
Single Digitally Controlled Potentiometer (XDCP??
July 17, 2007
ISL22313 INTERSIL-ISL22313 Datasheet
620Kb / 15P
Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
logo
Renesas Technology Corp
ISL22313 RENESAS-ISL22313 Datasheet
1Mb / 15P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
logo
Intersil Corporation
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
623Kb / 15P
Single Digitally Controlled Potentiometer (XDCP??
July 17, 2007
More results


Similar Description - ISL22313

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9421 XICOR-X9421 Datasheet
117Kb / 21P
Single Digitally Controlled (XDCP) Potentiometer
X9279 XICOR-X9279 Datasheet
398Kb / 24P
Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
Single Digitally Controlled Potentiometer (XDCP)
October 7, 2005
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
Single Digitally Controlled (XDCP) Potentiometer
September 23, 2005
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
Single Digitally Controlled Potentiometer XDCP
September 1, 2009
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
Single Digitally-Controlled (XDCP?? Potentiometer
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
Single, Digitally Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
Single Digitally-Controlled (XDCP?? Potentiometer
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
Single Digitally Controlled Potentiometer (XDCP??
November 21, 2007
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
Single Digitally-Controlled (XDCP ??) Potentiometer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com