Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG4005CT Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG4005CT Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG4005CT
Download  PMEG4005CT Download
File Size   255.47 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 500 mA low VF dual MEGA Schottky barrier rectifier

PMEG4005CT Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG4005CT Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG4005CT
Download  PMEG4005CT Click to download

File Size   255.47 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 500 mA low VF dual MEGA Schottky barrier rectifier

PMEG4005CT Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG4005CT Product details

1. General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier in common
cathode configuration with an integrated guard ring for stress protection, encapsulated in a SOT23
(TO-236AB) small Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Average forward current: IF(AV) ≤ 0.5 A
• Reverse voltage: VR ≤ 40 V
• Small SMD plastic package
• Low forward voltage
• AEC-Q101 qualified

3. Applications
• Low voltage rectification
• Reverse polarity protection
• High efficiency DC-to-DC conversion
• High-speed switching
• Switch Mode Power Supply (SMPS)
• Low power consumption applications




Similar Part No. - PMEG4005CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4005CT NXP-PMEG4005CT Datasheet
354Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Nexperia B.V. All right...
PMEG4005CT-Q NEXPERIA-PMEG4005CT-Q Datasheet
262Kb / 13P
40 V, 500 mA low VF dual Schottky barrier rectifier
1 December 2022
More results


Similar Description - PMEG4005CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005CT NXP-PMEG2005CT Datasheet
353Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
RB521CS30L NXP-RB521CS30L Datasheet
148Kb / 13P
100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-24 January 2011
PMEG3005CT NXP-PMEG3005CT Datasheet
354Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
PMEG3005CT.215 NXP-PMEG3005CT.215 Datasheet
354Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
PMEG4005CT NXP-PMEG4005CT Datasheet
354Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
RB520CS30L PHILIPS-RB520CS30L Datasheet
709Kb / 14P
100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-10 March 2011
PMEG2005CT PHILIPS-PMEG2005CT_15 Datasheet
353Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
PMEG3005CT PHILIPS-PMEG3005CT_15 Datasheet
354Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Nexperia B.V. All right...
PMEG2005CT NEXPERIA-PMEG2005CT Datasheet
452Kb / 15P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 - 22 June 2010
PMEG3005CT NEXPERIA-PMEG3005CT Datasheet
453Kb / 15P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 - 20 September 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com