Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2005CT Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG2005CT Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG2005CT
Download  PMEG2005CT Download
File Size   452.57 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 500 mA low VF dual MEGA Schottky barrier rectifier

PMEG2005CT Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG2005CT Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG2005CT
Download  PMEG2005CT Click to download

File Size   452.57 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 500 mA low VF dual MEGA Schottky barrier rectifier

PMEG2005CT Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG2005CT Product details

Features and benefits
* Average forward current: IF(AV) ≤ 0.5 A
* Reverse voltage: VR ≤ 20 V
* Low forward voltage
* AEC-Q101 qualified
* Small SMD plastic package




Similar Part No. - PMEG2005CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005CT NXP-PMEG2005CT Datasheet
353Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
PMEG2005CT PHILIPS-PMEG2005CT_15 Datasheet
353Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
More results


Similar Description - PMEG2005CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005CT NXP-PMEG2005CT Datasheet
353Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
RB521CS30L NXP-RB521CS30L Datasheet
148Kb / 13P
100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-24 January 2011
PMEG3005CT NXP-PMEG3005CT Datasheet
354Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
PMEG3005CT.215 NXP-PMEG3005CT.215 Datasheet
354Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
PMEG4005CT NXP-PMEG4005CT Datasheet
354Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
RB520CS30L PHILIPS-RB520CS30L Datasheet
709Kb / 14P
100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-10 March 2011
PMEG2005CT PHILIPS-PMEG2005CT_15 Datasheet
353Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
PMEG3005CT PHILIPS-PMEG3005CT_15 Datasheet
354Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Nexperia B.V. All right...
PMEG3005CT NEXPERIA-PMEG3005CT Datasheet
453Kb / 15P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 - 20 September 2010
PMEG4005CT NEXPERIA-PMEG4005CT Datasheet
255Kb / 12P
500 mA low VF dual MEGA Schottky barrier rectifier
24 September 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com