Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2005CT Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PMEG2005CT
Description  500 mA low VF dual MEGA Schottky barrier rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG2005CT Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMEG2005CT Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PMEG2005CT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 22 June 2010
3 of 14
NXP Semiconductors
PMEG2005CT
500 mA low VF dual MEGA Schottky barrier rectifier
[1]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
[2]
Tj =25 °C prior to surge.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[4]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
6.
Thermal characteristics
[1]
For Schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse
power losses PR are a significant part of the total power losses.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[4]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
[5]
Soldering point of cathode tab.
Per device; one diode loaded
Ptot
total power dissipation
Tamb ≤ 25 °C
[3] -330
mW
[4] -400
mW
[1] -460
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device; one diode loaded
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
[2] -
-
375
K/W
[3] -
-
310
K/W
[4] -
-
270
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[5] --60
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com