Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-2546 Datasheet (PDF) - Renesas Technology Corp

HA-2546 Datasheet PDF - Renesas Technology Corp
Part # HA-2546
Download  HA-2546 Download
File Size   835.15 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 30MHz, Voltage Output, Two Quadrant Analog Multiplier

HA-2546 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-2546 Datasheet PDF - Renesas Technology Corp

Part # HA-2546
Download  HA-2546 Click to download

File Size   835.15 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 30MHz, Voltage Output, Two Quadrant Analog Multiplier

HA-2546 Datasheet (HTML) - Renesas Technology Corp


HA-2546 Product details

Features
• High Speed Voltage Output . . . . . . . . . . . . . . . . . 300V/μs
• Low Multiplication error . . . . . . . . . . . . . . . . . . . . . . . 1.6%
• Input Bias Currents . . . . . . . . . . . . . . . . . . . . . . . . . 1.2μA
• Signal Input Feedthrough. . . . . . . . . . . . . . . . . . . . . -52dB
• Wide Signal Bandwidth . . . . . . . . . . . . . . . . . . . . . 30MHz
• Wide Control Bandwidth. . . . . . . . . . . . . . . . . . . . . 17MHz
• Gain Flatness to 5MHz. . . . . . . . . . . . . . . . . . . . . . 0.10dB




Similar Part No. - HA-2546

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2546 INTERSIL-HA-2546 Datasheet
641Kb / 14P
30MHz, Voltage Output, Two Quadrant Analog Multiplier
September 1998
HA-2546 INTERSIL-HA-2546 Datasheet
827Kb / 16P
30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
HA-2546/883 INTERSIL-HA-2546/883 Datasheet
534Kb / 19P
Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
HA-2546 INTERSIL-HA-2546_04 Datasheet
827Kb / 16P
30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
More results


Similar Description - HA-2546

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2546 INTERSIL-HA-2546 Datasheet
641Kb / 14P
30MHz, Voltage Output, Two Quadrant Analog Multiplier
September 1998
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA-2547 INTERSIL-HA-2547 Datasheet
836Kb / 8P
100MHz, Two Quadrant, Current Output, Analog Multiplier
September 1998
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
130MHz, Four Quadrant, Current Output Analog Multiplier
September 1998
HA-2546 INTERSIL-HA-2546_04 Datasheet
827Kb / 16P
30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com