Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA2546 Datasheet (PDF) - Intersil Corporation

HA2546 Datasheet PDF - Intersil Corporation
Part # HA2546
Download  HA2546 Download
File Size   534.46 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Wideband Two Quadrant Analog Multiplier (Voltage Output)

HA2546 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA2546 Datasheet PDF - Intersil Corporation

Part # HA2546
Download  HA2546 Click to download

File Size   534.46 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Wideband Two Quadrant Analog Multiplier (Voltage Output)

HA2546 Datasheet (HTML) - Intersil Corporation


HA2546 Product details

Description

The HA-2546/883 is a monolithic, high speed, two quadrant, analog multiplier constructed in the Intersil Dielectrically Isolated High Frequency Process. The HA-2546/883 has a voltage output with a 30MHz signal bandwidth, 300V/µs slew rate and a 17MHz control input bandwidth. High bandwidth and slew rate make this part an ideal component for use in video systems. The suitability for precision video applications is demonstrated further by the 0.1dB gain flatness at

5MHz, 1.6% multiplication error, -52dB feedthrough and differential inputs with 1.2µA bias currents. The HA-2546/883 also has low differential gain (0.1% typ.) and phase (0.°typ.) errors.



Features

• This Circuit is Processed in Accordance to MIL-STD-883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1.

• High Speed Voltage Output. . . . . . . . . . . 300V/µs (Min)

• Low Multiplication Error . . . . . . . . . . . . . . . .3.0% (Max) 1.6% (Typ)

• Input Bias Currents . . . . . . . . . . . . . . . . . . . . 5µA (Max) 1.2µA (Typ)

• Signal Input Feedthrough . . . . . . . . . . . . . .-52dB (Typ)

• Wide Signal Bandwidth . . . . . . . . . . . . . . . 30MHz (Typ)

• Wide Control Bandwidth . . . . . . . . . . . . . . 17MHz (Typ)

• Gain Flatness to 5MHz. . . . . . . . . . . . . . . . 0.10dB (Typ)




Similar Part No. - HA2546

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
HA254-73 CARLINGTECH-HA254-73 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
HA254-78 CARLINGTECH-HA254-78 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
HA254-NBL3 CARLINGTECH-HA254-NBL3 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
HA254-NBL8 CARLINGTECH-HA254-NBL8 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
HA254-NRD3 CARLINGTECH-HA254-NRD3 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
More results


Similar Description - HA2546

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2546 INTERSIL-HA-2546 Datasheet
641Kb / 14P
30MHz, Voltage Output, Two Quadrant Analog Multiplier
September 1998
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
HA-2547 INTERSIL-HA-2547 Datasheet
836Kb / 8P
100MHz, Two Quadrant, Current Output, Analog Multiplier
September 1998
HA-2546 INTERSIL-HA-2546_04 Datasheet
827Kb / 16P
30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA-2546 RENESAS-HA-2546 Datasheet
835Kb / 16P
30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com