Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-4741 Datasheet (PDF) - Renesas Technology Corp

HA-4741 Datasheet PDF - Renesas Technology Corp
Part # HA-4741
Download  HA-4741 Download
File Size   361.67 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad, 3.5MHz, Operational Amplifier

HA-4741 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-4741 Datasheet PDF - Renesas Technology Corp

Part # HA-4741
Download  HA-4741 Click to download

File Size   361.67 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad, 3.5MHz, Operational Amplifier

HA-4741 Datasheet (HTML) - Renesas Technology Corp


HA-4741 Product details

Features
•Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.6V/μs
•Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5MHz
•Input Voltage Noise . . . . . . . . . . . . . . . . . . . . . . 9nV/√Hz
•Input Offset Voltage. . . . . . . . . . . . . . . . . . . . . . . . 0.5mV
•Input Bias Current . . . . . . . . . . . . . . . . . . . . . . . . . . 60nA
•Supply Range. . . . . . . . . . . . . . . . . . . . . . . . ±2V to ±20V
•No Crossover Distortion
•Standard Quad Pinout




Similar Part No. - HA-4741

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-4741 INTERSIL-HA-4741 Datasheet
62Kb / 6P
Quad, 3.5MHz, Operational Amplifier
September 1998
HA-4741 INTERSIL-HA-4741 Datasheet
352Kb / 8P
Quad, 3.5MHz, Operational Amplifier
July 2004
HA-4741/883 INTERSIL-HA-4741/883 Datasheet
100Kb / 5P
Quad Operational Amplifier
July 1994
HA-4741883 INTERSIL-HA-4741883 Datasheet
100Kb / 5P
Quad Operational Amplifier
July 1994
HA-4741 INTERSIL-HA-4741_04 Datasheet
352Kb / 8P
Quad, 3.5MHz, Operational Amplifier
July 2004
More results


Similar Description - HA-4741

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
QUAD OPERATIONAL AMPLIFIER?
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
Quad operational amplifier
logo
fujitsu semiconductor
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
Quad Operational Amplifier
logo
Intersil Corporation
HA-4741 INTERSIL-HA-4741 Datasheet
62Kb / 6P
Quad, 3.5MHz, Operational Amplifier
September 1998
HA-4741 INTERSIL-HA-4741_04 Datasheet
352Kb / 8P
Quad, 3.5MHz, Operational Amplifier
July 2004
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
QUAD OPERATIONAL AMPLIFIER
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
Quad Operational Amplifier
Rev 1.0 16/06/18
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com