Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-4741 Datasheet (PDF) - Intersil Corporation

HA-4741 Datasheet PDF - Intersil Corporation
Part # HA-4741
Download  HA-4741 Download
File Size   62.55 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad, 3.5MHz, Operational Amplifier

HA-4741 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-4741 Datasheet PDF - Intersil Corporation

Part # HA-4741
Download  HA-4741 Click to download

File Size   62.55 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad, 3.5MHz, Operational Amplifier

HA-4741 Datasheet (HTML) - Intersil Corporation


HA-4741 Product details

HA-4741, which contains four amplifiers on a monolithic chip, provides a new measure of performance for general purpose operational amplifiers. Each amplifier in the HA-4741 has operating specifications that equal or exceed those of the 741-type amplifier in all categories of performance.

Features
• Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.6V/µs
• Bandwidth. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5MHz
• Input Voltage Noise . . . . . . . . . . . . . . . . . . . . . . 9nV/√Hz
• Input Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . 0.5mV
• Input Bias Current . . . . . . . . . . . . . . . . . . . . . . . . . . 60nA
• Supply Range. . . . . . . . . . . . . . . . . . . . . . . . ±2V to ±20V
• No Crossover Distortion
• Standard Quad Pinout

Applications
• Universal Active Filters
• D3 Communications Filters
• Audio Amplifiers
• Battery-Powered Equipment




Similar Part No. - HA-4741

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-4741 INTERSIL-HA-4741 Datasheet
352Kb / 8P
Quad, 3.5MHz, Operational Amplifier
July 2004
logo
Renesas Technology Corp
HA-4741 RENESAS-HA-4741 Datasheet
361Kb / 8P
Quad, 3.5MHz, Operational Amplifier
July 2004
logo
Intersil Corporation
HA-4741/883 INTERSIL-HA-4741/883 Datasheet
100Kb / 5P
Quad Operational Amplifier
July 1994
HA-4741883 INTERSIL-HA-4741883 Datasheet
100Kb / 5P
Quad Operational Amplifier
July 1994
HA-4741 INTERSIL-HA-4741_04 Datasheet
352Kb / 8P
Quad, 3.5MHz, Operational Amplifier
July 2004
More results


Similar Description - HA-4741

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
QUAD OPERATIONAL AMPLIFIER?
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
Quad operational amplifier
logo
fujitsu semiconductor
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
Quad Operational Amplifier
logo
Intersil Corporation
HA-4741 INTERSIL-HA-4741_04 Datasheet
352Kb / 8P
Quad, 3.5MHz, Operational Amplifier
July 2004
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
QUAD OPERATIONAL AMPLIFIER
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
Quad Operational Amplifier
Rev 1.0 16/06/18
logo
Renesas Technology Corp
HA-4741 RENESAS-HA-4741 Datasheet
361Kb / 8P
Quad, 3.5MHz, Operational Amplifier
July 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com